Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3306E Datasheet(PDF) 7 Page - Intersil Corporation

Part # CA3306E
Description  6-Bit, 15 MSPS, Flash A/D Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3306E Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CA3306E Datasheet HTML 3Page - Intersil Corporation CA3306E Datasheet HTML 4Page - Intersil Corporation CA3306E Datasheet HTML 5Page - Intersil Corporation CA3306E Datasheet HTML 6Page - Intersil Corporation CA3306E Datasheet HTML 7Page - Intersil Corporation CA3306E Datasheet HTML 8Page - Intersil Corporation CA3306E Datasheet HTML 9Page - Intersil Corporation CA3306E Datasheet HTML 10Page - Intersil Corporation CA3306E Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FIGURE 6. TYPICAL NON-LINEARITY AS A FUNCTION OF
CLOCK SPEED
FIGURE 7. TYPICAL NON-LINEARITY AS A FUNCTION OF
REFERENCE VOLTAGE
FIGURE 8. TYPICAL PEAK INPUT CURRENT AS A FUNCTION
OF INPUT VOLTAGE
FIGURE 9. TYPICAL AVERAGE INPUT CURRENT AS A
FUNCTION OF INPUT VOLTAGE
Typical Performance Curves (Continued)
0.1
1
10
CLOCK FREQUENCY (MHz)
0.35
TA = 25
oC, V
REF = 4.8V
VDD = 5V
INTEGRAL
DIFFERENTIAL
0.30
0.25
0.20
0.15
0.10
0.05
0
5
REFERENCE VOLTAGE (V)
TA = 25
oC, V
DD = 5V
fCLK = 15MHz
INTEGRAL
DIFFERENTIAL
0
01
2
3
4
1.2
1.0
0.8
0.6
0.4
0.2
0
INPUT VOLTAGE (V)
VDD = 5V
VREF+ = VDD, VREF- = VSS
VDD = 8V
1
2
3
4
56
78
+15
+10
+5
0
-5
-10
-15
0
INPUT VOLTAGE (V)
VDD = 5V
fCLK = 15MHz, VREF+ = VDD
VDD = 8V
12
34
5
6
7
8
+400
+200
+0
-200
-400
-600
-800
VREF- = VSS
CA3306, CA3306A, CA3306C


Similar Part No. - CA3306E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3306E INTERSIL-CA3306E Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
More results

Similar Description - CA3306E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3318 INTERSIL-HI3318 Datasheet
109Kb / 12P
   8-Bit, 15 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com