Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7545 Datasheet(PDF) 4 Page - Intersil Corporation

Part # AD7545
Description  12-Bit, Buffered, Multiplying CMOS DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7545 Datasheet(HTML) 4 Page - Intersil Corporation

  AD7545 Datasheet HTML 1Page - Intersil Corporation AD7545 Datasheet HTML 2Page - Intersil Corporation AD7545 Datasheet HTML 3Page - Intersil Corporation AD7545 Datasheet HTML 4Page - Intersil Corporation AD7545 Datasheet HTML 5Page - Intersil Corporation AD7545 Datasheet HTML 6Page - Intersil Corporation AD7545 Datasheet HTML 7Page - Intersil Corporation AD7545 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Circuit Information - D/A Converter Section
Figure 2 shows a simplified circuit of the D/A converter
section of the AD7545. Note that the ladder termination
resistor is connected to AGND. R is typically 11k
Ω.
The binary weighted currents are switched between the OUT1
bus line and AGND by N-Channel switches, thus maintaining a
constant current in each ladder leg independent of the switch
state. One of the current switches is shown in Figure 3.
The capacitance at the OUT1 bus line, COUT1, is code
dependent and varies from 70pF (all switches to AGND) to
200pF (all switches to OUT1).
The input resistance at VREF (Figure 2) is always equal to
RLDR (RLDR is the R/2R ladder characteristic resistance and is
equal to the value “R”). Since RIN at the VREF pin is constant,
the reference terminal can be driven by a reference voltage or a
reference current, AC or DC, of positive or negative polarity. (If a
current source is used, a low temperature coefficient external
RFB is recommended to define scale factor).
Circuit Information - Digital Section
Figure 4 shows the digital structure for one bit. The digital
signals CONTROL and CONTROL are generated from CS
and WR.
The input buffers are simple CMOS inverters designed such
that when the AD7545 is operated with VDD = 5V, the buffers
convert TTL input levels (2.4V and 0.8V) into CMOS logic
levels. When VIN is in the region of 2.0V to 3.5V the input
buffers operate in their linear region and draw current from
the power supply. To minimize power supply currents it is
recommended that the digital input voltages be as close to
the supply rails (VDD and DGND) as is practically possible.
The AD7545 may be operated with any supply voltage in the
range 5V
≤ VDD ≤ 15V. With VDD = +15V the input logic
levels are CMOS compatible only, i.e., 1.5V and 13.5V.
Application
Output Offset
CMOS current-steering D/A converters exhibit a code
dependent output resistance which in turn causes a code
dependent amplifier noise gain. The effect is a code
dependent differential nonlinearity term at the amplifier
output which depends on VOS where VOS is the amplifier
input offset voltage. To maintain monotonic operation it is
recommended that VOS be no greater than (25 x 10
-6)
(VREF) over the temperature range of operation.
General Ground Management
AC or transient voltages between AGND and DGND can
cause noise injection into the analog output. The simplest
method of ensuring that voltages at AGND and DGND are
equal is to tie AGND and DGND together at the AD7545. In
more complex systems where the AGND and DGND
connection is on the backplane, it is recommended that two
diodes be connected in inverse parallel between the AD7545
AGND and DGND pins (1N914 or equivalent).
Digital Glitches
When WR and CS are both low the latched are transparent
and the D/A converter inputs follow the data inputs. In some
bus systems, data on the data bus is not always valid for the
whole period during which WR is low and as a result invalid
data can briefly occur at the D/A converter inputs during a
write cycle. Such invalid data can cause unwanted glitches
at the output of the D/A converter. The solution to this
MODE SELECTION
WRITE MODE:
CS and WR low, DAC responds
to data bus (DB0 - DB11) inputs
HOLD MODE:
Either CS or WR high, data bus
(DB0 - DB11) is locked out; DAC
holds last data present when WR
or CS assumedhighstate.
NOTES:
8. VDD =+5V; tr =tf =20ns.
9. VDD =+15V; tr =tf =40ns.
10. All input signal rise and fall times measured from 10% to 90% of
VDD.
11. Timing measurement reference level is (VIH +VIL)/2.
12. Since input data latches are transparent for CS and WR both
low, it is preferred to have data valid before CS and WR both go
low. This prevents undesirable changes at the analog output
while the data inputs settle.
DB11
(MSB)
VREF
RR
R
R
2R
2R
2R
2R
2R
2R
RFB
OUT1
AGND
DB10
DB9
DB1
DB0
(LSB)
FIGURE 2. SIMPLIFIED D/A CIRCUIT OF AD7545
TO LADDER
FROM
INTERFACE
LOGIC
AGND
OUT1
FIGURE 3. N-CHANNEL CURRENT STEERING SWITCH
FIGURE 4. DIGITAL INPUT STRUCTURE
CONTROL
CONTROL
INPUTS
BUFFERS
TO OUT1 SWITCH
TO AGND SWITCH
AD7545


Similar Part No. - AD7545

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
logo
Analog Devices
AD7545 AD-AD7545 Datasheet
198Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. A
AD7545 AD-AD7545 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7545A AD-AD7545A Datasheet
317Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7545A AD-AD7545A Datasheet
309Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
More results

Similar Description - AD7545

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
   CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7545A AD-AD7545A Datasheet
317Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7545 AD-AD7545 Datasheet
198Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. A
AD7545AKNZ AD-AD7545AKNZ Datasheet
309Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
   Double-Buffered 12-Bit Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com