Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117Y15G-U Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1117Y15G-U
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117Y15G-U Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP1117Y15G-U Datasheet HTML 2Page - Diodes Incorporated AP1117Y15G-U Datasheet HTML 3Page - Diodes Incorporated AP1117Y15G-U Datasheet HTML 4Page - Diodes Incorporated AP1117Y15G-U Datasheet HTML 5Page - Diodes Incorporated AP1117Y15G-U Datasheet HTML 6Page - Diodes Incorporated AP1117Y15G-U Datasheet HTML 7Page - Diodes Incorporated AP1117Y15G-U Datasheet HTML 8Page - Diodes Incorporated AP1117Y15G-U Datasheet HTML 9Page - Diodes Incorporated AP1117Y15G-U Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1117 Rev. 6
6 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
C2
22uF
5V
3.3V/1A
Tab is Vout
Vin
Vout
GND
C1
10uF
( 5V/3.3V fixed output )
R1
121
R2
121
C2
22uF
5V
2.5V/1A
Tab is Vout
Vin
Vout
Adj
C1
10uF
o
V
( 5V/2.5V ADJ output )
)
1
2
REF
o
R
R
(1
V
V
+
=
Note:
(1) SOT223-3L
X X X
1 7-VV X
Logo
ID Code
(Top view)
L : Lead Free
G : Green
Part Number
1117 for ADJ
17-VV:15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
50 for 5.0V
Month: A~ L = 01~12
Year :
"2 " = 2002
"1 " = 2001
(2) TO252-3L
17-VV
Internal Code
Xth Week: 01~52
Year:
(Top view)
"02" = 2002
"01" = 2001
YY WW X X
Logo
Part Number
1117 for ADJ
17-VV:15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
50 for 5.0V
L : Lead Free
G : Green
Marking Information


Similar Part No. - AP1117Y15G-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1117Y15 ANACHIP-AP1117Y15 Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117Y15A ANACHIP-AP1117Y15A Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117Y15L ANACHIP-AP1117Y15L Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117Y15LA ANACHIP-AP1117Y15LA Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1117Y15G-U

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com