Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG201A Datasheet(PDF) 3 Page - Intersil Corporation

Part # DG201A
Description  Quad SPST, CMOS Analog Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG201A Datasheet(HTML) 3 Page - Intersil Corporation

  DG201A_01 Datasheet HTML 1Page - Intersil Corporation DG201A_01 Datasheet HTML 2Page - Intersil Corporation DG201A_01 Datasheet HTML 3Page - Intersil Corporation DG201A_01 Datasheet HTML 4Page - Intersil Corporation DG201A_01 Datasheet HTML 5Page - Intersil Corporation DG201A_01 Datasheet HTML 6Page - Intersil Corporation DG201A_01 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Drain ON Leakage Current, ID(ON)
(Note 5)
VIN =0.8V
(DG201A)
VIN =2.4V
(DG202)
VD =VS = 14V
-
0.1
1.0
-
0.1
5.0
µA
VD =VS = -14V
-1.0
-0.15
-
-5.0
-0.15
-
µA
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
All Channels ON or OFF
-
0.9
2
-
0.9
2
mA
Negative Supply Current, I-
-1
-0.3
-
-1
-0.3
-
mA
Electrical Specifications
V+ = 15V, V- = -15V, GND = 0V, TA =25
oC (Continued)
PARAMETER
TEST CONDITIONS
“A” SUFFIX
“B” AND “C” SUFFIX
UNITS
MIN
(NOTE 3)
TYP
MAX
MIN
(NOTE 3)
TYP
MAX
Electrical Specifications
V+ = 15V, V- = -15V, GND = 0V, TA Over Operating Temperature Range
PARAMETER
TEST CONDITIONS
“A” SUFFIX
UNITS
MIN
(NOTE 3)
TYP
MAX
DIGITAL INPUT CHARACTERISTICS
Input Current with Voltage High, IIH
VIN =2.4V
-10
-
-
µA
VIN =15V
-
-
10
µA
Input Current with Voltage Low, IIL
VIN =0V
-10
-
-
µA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
-15
-
15
V
Drain-Source ON Resistance, rDS(ON)
VD = ±10V, VIN = 0.8V (DG201A)
IS =1mA,VIN =2.4V (DG202)
--
250
Source OFF Leakage Current, IS(OFF)
VIN = 2.4V (DG201A)
VIN = 0.8V (DG202)
VS =14V,VD = -14V
-
-
100
nA
VS =-14V, VD = 14V
-100
-
-
nA
Drain OFF Leakage Current, ID(OFF)
VS =-14V, VD = 14V
-
-
100
nA
VS =14V,VD = -14V
-100
-
-
nA
Drain ON Leakage Current, ID(ON) (Note 5)
VIN = 0.8V (DG201A)
VIN = 2.4V (DG202)
VD =VS =14V
-
-
200
µA
VD =VS =-14V
-200
-
-
µA
NOTES:
3. Typical values are for design aid only, not guaranteed and not subject to production testing.
4. The algebraic convention whereby the most negative value is a minimum, and the most positive is a maximum, is used in this data sheet.
5. ID(ON) is leakage from driver into ON switch.
DG201A, DG202


Similar Part No. - DG201A_01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG201A MAXIM-DG201A_06 Datasheet
517Kb / 12P
   Quad SPST CMOS Analog Switches
Rev 2; 5/06
More results

Similar Description - DG201A_01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com