Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117E Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1117E
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117E Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1117E Datasheet HTML 3Page - Diodes Incorporated AP1117E Datasheet HTML 4Page - Diodes Incorporated AP1117E Datasheet HTML 5Page - Diodes Incorporated AP1117E Datasheet HTML 6Page - Diodes Incorporated AP1117E Datasheet HTML 7Page - Diodes Incorporated AP1117E Datasheet HTML 8Page - Diodes Incorporated AP1117E Datasheet HTML 9Page - Diodes Incorporated AP1117E Datasheet HTML 10Page - Diodes Incorporated AP1117E Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1117 Rev. 6
9 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
Package Information
(Continued)
(All Dimensions in mm)
(2) TO252-3L
5.20/5.50 Typ 5.35
6.354/6.80 Typ 6.58
2.28
BSC.
0.61 Typ
4.57 BSC.
9.00/10.40 Typ 9.70
SEATING
PLANE
0.51
5.6
2.25
Land Pattern Recommendation (Unit: mm)
1.2
2.18/2.40
Typ 2.29
0.45/0.58
Typ 0.52
0.64/1.02
Typ 0.83
0.45/0.58
Typ 0.52
0.89/
1.14
(3) SOT89-3L
1.40/1.75
Typ 1.60
2.90/3.10
Typ 3.00
4.40/4.60 Typ 4.50
0.41/0.53
Typ 0.47
0.36/0.48
Typ 0.42
80 (2x)
1.7
0.4
0.9
50 (2x)
Land Pattern Recommendation (Unit: mm)
1.5
0.36/0.48
Typ 0.42
1.45/1.55
Typ 1.50
0.35/0.43
Typ 0.39


Similar Part No. - AP1117E

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1117E ANACHIP-AP1117E Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117E-15 ANACHIP-AP1117E-15 Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117E-15A ANACHIP-AP1117E-15A Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117E-15L ANACHIP-AP1117E-15L Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117E-15LA ANACHIP-AP1117E-15LA Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1117E

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com