Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC62KN302PR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC62KN302PR
Description  Negative Voltage Regulaters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62KN302PR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC62KN302PR Datasheet HTML 3Page - Torex Semiconductor XC62KN302PR Datasheet HTML 4Page - Torex Semiconductor XC62KN302PR Datasheet HTML 5Page - Torex Semiconductor XC62KN302PR Datasheet HTML 6Page - Torex Semiconductor XC62KN302PR Datasheet HTML 7Page - Torex Semiconductor XC62KN302PR Datasheet HTML 8Page - Torex Semiconductor XC62KN302PR Datasheet HTML 9Page - Torex Semiconductor XC62KN302PR Datasheet HTML 10Page - Torex Semiconductor XC62KN302PR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
529
XC62K
Series
NOTE:
*1: VOUT(T)=Specified output voltage
*2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T) -1.0V" is provided at the VIN pin while maintaining a certain IOUT
value).
*3: Vdif = {VIN1 - VOUT1}
*4: VOUT1 =A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T) -1.0V} is input.
*5: VIN1=The input voltage when a voltage equal to 98% of VOUT(E) appears. (Input voltage is gradually decreased.)
*6: IOUTMAX=Please ensure that output current is within the values given for power dissipation.
TYPICAL APPLICATION CIRCUIT
NOTES ON USE
Please ensure that values for input capacitance, CIN and out capacitance, CL, are more than 1μF (Tantalum).
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage (*2)
VOUT(E)
IOUT=20mA
VIN=-4.0V
x 0.98
-2.94
VOUT(T)
-3.00
x 1.02
-3.06
V
2
MAX. Output Current
IOUT max
VIN=-4.0V, VOUT(E)≧-2.7V
60
-
-
mA
4
Load Regulation
VOUT
VIN=-4.0V
1mA≦IOUT≦40mA
-
40
80
mV
4
IOUT=40mA
-
120
300
Dropout Voltage
Vdif
IOUT=80mA
-
380
600
mV
3
Supply Current
ISS
VIN=4.0V
-
2.5
6.0
μ
A
1
Line Regulation
VOUT
VIN・VOUT
IOUT=20mA
-4.0V≦VIN≦-10.0V
-
0.1
0.3
%V
3
Input Voltage
VIN
-
-
-
-10.0
V
-
Output Voltage
Temperature Characteristics
VOUT
VIN・VOUT
IOUT=20mA
-30℃≦Topr≦80℃
-
±
100
-
ppm/
-
XC62KN3002
VOUT(T)=-3.0V
Ta=25℃
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC62KN302PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62KN2101DB TOREX-XC62KN2101DB Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DH TOREX-XC62KN2101DH Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DL TOREX-XC62KN2101DL Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DR TOREX-XC62KN2101DR Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101LB TOREX-XC62KN2101LB Datasheet
1Mb / 17P
   Negative Voltage Regulators
More results

Similar Description - XC62KN302PR

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
   Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
   Negative Voltage Regulator
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
   Negative Voltage Regulator
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
   Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com