Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4728A-T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 1N4728A-T
Description  1.0W ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4728A-T Datasheet(HTML) 3 Page - Diodes Incorporated

  1N4728A-T Datasheet HTML 1Page - Diodes Incorporated 1N4728A-T Datasheet HTML 2Page - Diodes Incorporated 1N4728A-T Datasheet HTML 3Page - Diodes Incorporated 1N4728A-T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Notes:
5. *Add "-A" or "-T" to the appropriate type number in Table 1. Example: 6.2V Zener = 1N4735A-A for ammo pack.
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS18007 Rev. 16 - 2
3 of 4
1N4728A - 1N4761A
www.diodes.com
0
0.2
0.4
0.6
0.8
1.0
0
40
80
120
160
200
T , AMBIENT TEMPERATURE ( C)
A
Fig.1 Power Dissipation vs Ambient Temperature
0
250
0
5
15
20
25
30
l, Lead Length (mm)
Fig. 2 Typical Thermal Resistance vs. Lead Length
10
200
50
100
150
1
10
100
1000
1
10
100
V , ZENER VOLTAGE (V)
Z
Fig. 4 Typical Zener Impedance vs. Zener Voltage
I = 1mA
Z
2mA
10mA
20mA
5mA
1
10
100
1000
0
10
20
30
40
50
60
V , ZENER VOLTAGE (V)
Z
Fig.3, Junction Capacitance vs Zener Voltage
f = 1MHz
T = 25C
A
V = 0V
R
V = 2V
R
V = 5V
R
V = 20V
R
V = 30V
R
Ordering Information
Device
Packaging
Shipping
(Type Number)-A*
DO-41
5K/Ammo Pack
(Type Number)-T*
DO-41
5K/Tape & Reel
(Note 6)


Similar Part No. - 1N4728A-T

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
1N4728A-G PANJIT-1N4728A-G Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
Comchip Technology
1N4728A-G COMCHIP-1N4728A-G Datasheet
125Kb / 6P
   Glass passivated chip.
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
More results

Similar Description - 1N4728A-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
   1.0W ZENER DIODE
logo
Won-Top Electronics
1N4728A WTE-1N4728A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Comchip Technology
1N4728A COMCHIP-1N4728A Datasheet
123Kb / 3P
   1.0W Zener Diode
logo
Zibo Seno Electronic En...
1N4764A ZSELEC-1N4764A Datasheet
109Kb / 2P
   1.0W ZENER DIODE
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com