Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2300 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2300
Description  Tri-State Buffer ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2300 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2300 Datasheet HTML 1Page - Torex Semiconductor XC2300 Datasheet HTML 2Page - Torex Semiconductor XC2300 Datasheet HTML 3Page - Torex Semiconductor XC2300 Datasheet HTML 4Page - Torex Semiconductor XC2300 Datasheet HTML 5Page - Torex Semiconductor XC2300 Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1710
XC2300 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Supply Voltage
VDD
4.0
5.0
6.0
V
Input Voltage "High"
VIH
/INH pin
2.4
-
-
V
Input Voltage "Low"
VIL
/INH pin
-
-
0.4
V
Output Voltage "High"
VOH
Q0 pin, VDD=4.5V, IOH= -8mA
3.9
4.2
-
V
Output Voltage "Low"
VOL
Q0 pin, VDD=4.5V, IOL=8mA
-
0.3
0.4
V
Supply Current 1
IDD1
/INH=OPEN,
Q0=OPEN
Fin=70MHz
XC2300C21V (fin/1)
-
21.0
-
mA
Supply Current 2
IDD2
/INH="L", fin=70MHz
-
0.05
-
mA
Input Pull-Up Resistance 1
Rup1
/INH="L"
2.0
4.0
8.0
Input Pull-Up Resistance 2
Rup2
/INH=0.7VDD
50
100
200
Output Off Leak Current
IOZ
Q0 pin, /INH="L"
-
-
10
μ
A
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Supply Voltage
VDD
2.97
3.30
3.63
V
Input Voltage "High"
VIH
/INH pin
2.4
-
-
V
Input Voltage "Low"
VIL
/INH pin
-
-
0.4
V
Output Voltage "High"
VOH
Q0 pin, VDD=4.5V, IOH= -4mA
2.2
2.4
-
V
Output Voltage "Low"
VOL
Q0 pin, VDD=4.5V, IOL=4mA
-
0.3
0.4
V
Supply Current 1
IDD1
/INH =OPEN,
Q0=OPEN
Fin=50MHz
XC2300C21V (fin/1)
-
8.0
-
mA
Supply Current 2
IDD2
/INH ="L", fin=50MHz
-
0.05
-
mA
Input Pull-Up Resistance 1
Rup1
/INH ="L"
4.0
7.0
14.0
Input Pull-Up Resistance 2
Rup2
/INH =0.7VDD
70
130
250
Output Off Leak Current
IOZ
Q0 pin, /INH ="L"
-
-
10
μ
A
ELECTRICAL CHARACTERISTICS
3.3V operation
(Unless otherwise stated, VDD=5.0V, No Load, Ta=25℃)
(Unless otherwise stated, VDD=3.3V, No Load, Ta=25℃)
DC Electrical Characteristics
5.0V operation


Similar Part No. - XC2300

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2300 TOREX-XC2300 Datasheet
235Kb / 7P
   Tri-State Buffer ICs
logo
Infineon Technologies A...
XC2300 INFINEON-XC2300 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.9 2014-10
logo
Torex Semiconductor
XC2300-12 TOREX-XC2300-12 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2300C21VML TOREX-XC2300C21VML Datasheet
235Kb / 7P
   Tri-State Buffer ICs
XC2300C21VMR TOREX-XC2300C21VMR Datasheet
235Kb / 7P
   Tri-State Buffer ICs
More results

Similar Description - XC2300

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2301 TOREX-XC2301_2 Datasheet
116Kb / 6P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301 Datasheet
142Kb / 5P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300_15 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301_1 Datasheet
206Kb / 5P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300_12 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301_12 Datasheet
116Kb / 6P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300_1 Datasheet
235Kb / 7P
   Tri-State Buffer ICs
XC2301_001 TOREX-XC2301_001 Datasheet
209Kb / 6P
   Tri-State Buffer ICs
XC2300-12 TOREX-XC2300-12 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301_15 Datasheet
116Kb / 6P
   Tri-State Buffer ICs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com