Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2301C51VMR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2301C51VMR
Description  Tri-State Buffer ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2301C51VMR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2301C51VMR Datasheet HTML 1Page - Torex Semiconductor XC2301C51VMR Datasheet HTML 2Page - Torex Semiconductor XC2301C51VMR Datasheet HTML 3Page - Torex Semiconductor XC2301C51VMR Datasheet HTML 4Page - Torex Semiconductor XC2301C51VMR Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1576
XC2301 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum Operating Frequency
fmax
160
-
-
MHz
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Amplitude
Vipp
0.5
-
-
Vpp
fin=160MHz, CL=15pF, Vipp=1.0Vpp
fin=125MHz, CL=15pF, Vipp=0.5Vpp
Output Duty Cycle (*1)
DUTY
fin=70MHz, CL=30pF, Vipp=0.5Vpp
40
-
60
%
fin=160MHz, CL=15pF, Vipp=1.0Vpp
-
(1.7)
3.0
ns
Output Rise Time (*2)
tr
fin=70MHz, CL=30pF, Vipp=0.5Vpp
-
(2.7)
4.5
ns
fin=160MHz, CL=15pF, Vipp=1.0Vpp
-
(1.7)
3.0
ns
Output Fall Time (*3)
tf
fin=70MHz, CL=30pF, Vipp=0.5Vpp
-
(2.7)
4.5
ns
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Amplitude
Vipp
0.5
-
-
Vpp
fin=160MHz, CL=15pF, Vipp=1.0Vpp
fin=125MHz, CL=15pF, Vipp=0.5Vpp
Output Duty Cycle (*1)
DUTY
fin=70MHz, CL=30pF, Vipp=0.5Vpp
45
-
55
%
fin=160MHz, CL=15pF, Vipp=1.0Vpp
-
(1.7)
3.0
ns
Output Rise Time (*2)
tr
fin=70MHz, CL=30pF, Vipp=0.5Vpp
-
(2.7)
4.5
ns
fin=160MHz, CL=15pF, Vipp=1.0Vpp
-
(1.7)
3.0
ns
Output Fall Time (*3)
tf
fin=70MHz, CL=30pF, Vipp=0.5Vpp
-
(2.7)
4.5
ns
(Unless otherwise stated, VDD=3.3V, No Load, Ta=25℃)
●Reference Value : XC2301C51V (fQ0 = fin/1), XC2301C52V (fQ0 = fin/2)
●Reference Value : XC2301C54V (fQ0=fin/4), XC2301C58V (fQ0=fin/8)
*1) 0.5VDD
*2) 0.1VDD→0.9VDD
*3) 0.9VDD→0.1VDD
*1) 0.5VDD
*2) 0.1VDD→0.9VDD
*3) 0.9VDD→0.1VDD
■ELECTRICAL CHARACTERISTICS (Continued)
(Unless otherwise stated, VDD=3.3V, No Load, Ta=25℃)
(Unless otherwise stated, VDD=3.3V, No Load, Ta=25℃)
●AC Electrical Characteristics


Similar Part No. - XC2301C51VMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2301C51VMR TOREX-XC2301C51VMR Datasheet
142Kb / 5P
   Tri-State Buffer ICs
XC2301C51VMR TOREX-XC2301C51VMR Datasheet
209Kb / 6P
   Tri-State Buffer ICs
XC2301C51VMR-G TOREX-XC2301C51VMR-G Datasheet
116Kb / 6P
   Tri-State Buffer ICs
More results

Similar Description - XC2301C51VMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2301 TOREX-XC2301_2 Datasheet
116Kb / 6P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301 Datasheet
142Kb / 5P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300_15 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300 Datasheet
260Kb / 6P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300_12 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301_12 Datasheet
116Kb / 6P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300_1 Datasheet
235Kb / 7P
   Tri-State Buffer ICs
XC2301_001 TOREX-XC2301_001 Datasheet
209Kb / 6P
   Tri-State Buffer ICs
XC2300-12 TOREX-XC2300-12 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301_15 Datasheet
116Kb / 6P
   Tri-State Buffer ICs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com