Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTRC12002B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HTRC12002B
Description  HITAG co-processor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTRC12002B Datasheet(HTML) 3 Page - NXP Semiconductors

  HTRC12002B Datasheet HTML 1Page - NXP Semiconductors HTRC12002B Datasheet HTML 2Page - NXP Semiconductors HTRC12002B Datasheet HTML 3Page - NXP Semiconductors HTRC12002B Datasheet HTML 4Page - NXP Semiconductors HTRC12002B Datasheet HTML 5Page - NXP Semiconductors HTRC12002B Datasheet HTML 6Page - NXP Semiconductors HTRC12002B Datasheet HTML 7Page - NXP Semiconductors HTRC12002B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Nov 15
3
Philips Semiconductors
Product specification
HITAG co-processor
HTRC12002B
DC CHARACTERISTICS
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
2.5
6.0
V
IDD
supply current
operating mode; VDD =5V;
fclk = 16.0 MHz
2.4
mA
VIL
LOW-level input voltage
VDD =5V; fclk = 16.0 MHz
0
0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
VDD
V
IIL
input leakage current
VSS ≤ VI ≤ VDD
−1.0
+1.0
µA
IOL
LOW-level port sink current
VDD =3V; VO = 0.4 V
0.7
3.5
mA
IOH
HIGH-level port pull-up source and
push-pull current
pull-up
VDD = 3 V; VO = 2.7 V
−10
−30
−µA
VDD = 3 V; VO = 0.0 V
−−140
−300
µA
push-pull
VDD = 3 V; VO = 2.6 V
−0.7
−−3.5
mA


Similar Part No. - HTRC12002B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRC110 NXP-HTRC110 Datasheet
192Kb / 22P
   HITAG reader chip
Rev. 3.1-9 February 2010
HTRC11001 PHILIPS-HTRC11001 Datasheet
94Kb / 20P
   HITAG reader chip
2001 Nov 23
HTRC11001T PHILIPS-HTRC11001T Datasheet
94Kb / 20P
   HITAG reader chip
2001 Nov 23
HTRC11001T/02EE NXP-HTRC11001T/02EE Datasheet
192Kb / 22P
   HITAG reader chip
Rev. 3.1-9 February 2010
HTRC11001T/03EE NXP-HTRC11001T/03EE Datasheet
192Kb / 22P
   HITAG reader chip
Rev. 3.1-9 February 2010
More results

Similar Description - HTRC12002B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
   Traffic Manager Co-processor
logo
Xilinx, Inc
DS308 XILINX-DS308 Datasheet
211Kb / 8P
   Fabric Co-processor Bus
logo
Renesas Technology Corp
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
   Traffic Manager Co-processor
March 3, 2005
logo
NXP Semiconductors
HTRC110 NXP-HTRC110 Datasheet
192Kb / 22P
   HITAG reader chip
Rev. 3.1-9 February 2010
logo
Gennum Corporation
GF9331 GENNUM-GF9331 Datasheet
474Kb / 31P
   DTV/SDTV Motion Co-processor
logo
STMicroelectronics
WARP20 STMICROELECTRONICS-WARP20 Datasheet
275Kb / 28P
   8-BIT FUZZY CO-PROCESSOR
STV0676 STMICROELECTRONICS-STV0676 Datasheet
153Kb / 21P
   CMOS Digital Camera Co-processor
logo
NXP Semiconductors
HTMS8201FTK NXP-HTMS8201FTK Datasheet
438Kb / 57P
   HITAG transponder IC
Rev. 3.3-17 October 2014
HTEV400 PHILIPS-HTEV400 Datasheet
49Kb / 8P
   HITAG proximity evaluation kit
2001 Sep 24
HTRC11001T PHILIPS-HTRC11001T Datasheet
94Kb / 20P
   HITAG reader chip
2001 Nov 23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com