Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTRM800 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HTRM800
Description  HITAG long range reader module hardware
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTRM800 Datasheet(HTML) 5 Page - NXP Semiconductors

  HTRM800 Datasheet HTML 1Page - NXP Semiconductors HTRM800 Datasheet HTML 2Page - NXP Semiconductors HTRM800 Datasheet HTML 3Page - NXP Semiconductors HTRM800 Datasheet HTML 4Page - NXP Semiconductors HTRM800 Datasheet HTML 5Page - NXP Semiconductors HTRM800 Datasheet HTML 6Page - NXP Semiconductors HTRM800 Datasheet HTML 7Page - NXP Semiconductors HTRM800 Datasheet HTML 8Page - NXP Semiconductors HTRM800 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2001 Oct 04
5
Philips Semiconductors
Product specification
HITAG long range reader module
hardware
HTRM800 family
6.1
ST1 connector
Note
1. P = power supply, O = output and I = input.
6.2
ST2 connector
SYMBOL
PIN
TYPE(1)
DESCRIPTION
−15VIN
1
P
DC supply voltage (
−15 V)
GND
2
P
ground
+15VIN
3
P
DC supply voltage (+15 V)
GND
4
P
ground
RXD
5
I
serial interface input; RS232 level
GND
6
P
ground
CMOSIN
7
I
serial interface input; CMOS level (optional)
INT1
8
I/O
serial interface input and output 1; RS485 level (optional)
CMIN
9
I
core module input; general purpose
CMOUT
10
O
core module output; general purpose
GND
11
P
ground
GND
12
P
ground
INT2
13
I/O
serial interface input and output 2; RS485 level (optional)
CMOSOUT
14
O
serial interface output; CMOS level (optional)
GND
15
P
ground
TXD
16
O
serial interface output; RS232 level
GND
17
P
ground
+15VIN
18
P
DC supply voltage (+15 V)
GND
19
P
ground
−15VIN
20
P
DC supply voltage (
−15 V)
SYMBOL
PIN
DESCRIPTION
GND
1
ground
ANT
2
antenna output and input


Similar Part No. - HTRM800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRM440 PHILIPS-HTRM440 Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
HTRM440/AIE PHILIPS-HTRM440/AIE Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
HTRM440/BIE PHILIPS-HTRM440/BIE Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
HTRM440/CIE PHILIPS-HTRM440/CIE Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
More results

Similar Description - HTRM800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRM440 PHILIPS-HTRM440 Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
SLRM900 PHILIPS-SLRM900 Datasheet
84Kb / 16P
   I-CODE Long range reader module hardware
2002 May 24
HTCM400 PHILIPS-HTCM400 Datasheet
112Kb / 24P
   HITAG core module hardware
2001 Oct 04
HTEV800 PHILIPS-HTEV800 Datasheet
46Kb / 8P
   HITAG long range evaluation kit
2001 Sep 24
HTRC110 NXP-HTRC110 Datasheet
192Kb / 22P
   HITAG reader chip
Rev. 3.1-9 February 2010
HTRC11001T PHILIPS-HTRC11001T Datasheet
94Kb / 20P
   HITAG reader chip
2001 Nov 23
logo
Texas Instruments
RI-STU-650A TI-RI-STU-650A Datasheet
184Kb / 1P
[Old version datasheet]   HF Reader System Series 6000 S6500 Long Range Reader Module
RI-STU-655A TI-RI-STU-655A Datasheet
173Kb / 1P
[Old version datasheet]   HF Reader System Series 6000 S6550 Long Range Reader (Housed)
logo
HOPE Microelectronics C...
RFM98PW HOPE-RFM98PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
logo
Advantech Co., Ltd.
TREK-132-FL ADVANTECH-TREK-132-FL Datasheet
319Kb / 1P
   Long-Range Driver Behavior Recognition Module
4-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com