Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTRM800 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HTRM800
Description  HITAG long range reader module hardware
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTRM800 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HTRM800 Datasheet HTML 4Page - NXP Semiconductors HTRM800 Datasheet HTML 5Page - NXP Semiconductors HTRM800 Datasheet HTML 6Page - NXP Semiconductors HTRM800 Datasheet HTML 7Page - NXP Semiconductors HTRM800 Datasheet HTML 8Page - NXP Semiconductors HTRM800 Datasheet HTML 9Page - NXP Semiconductors HTRM800 Datasheet HTML 10Page - NXP Semiconductors HTRM800 Datasheet HTML 11Page - NXP Semiconductors HTRM800 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2001 Oct 04
8
Philips Semiconductors
Product specification
HITAG long range reader module
hardware
HTRM800 family
7.4
Postal approval
The postal approval can only be granted for final products,
not just for components like the HTRM800. But this reader
module is designed in a way that it is possible to get the
postal approval for a system including the HTRM800.
Electromagnetic emissions comply with the guidelines in
FTZ 17 TR 2100, ETS 300 330 and ETS 300 683.
Electromagnetic immunity complies with the guidelines in
ETS 300 683.
The following configuration is in compliance with the
European telecommunication standards:
• Reader module HTRM800
• Power supply according to the recommendations
(transformer type)
• Antenna: 50 × 70 cm, number of turns N = 26 and
inductivity L = 1.2 mH.
A survey of the passed measurements is given in Table 1.
Table 1
Survey of measurements
ITEM
MEASUREMENT
STANDARD
REQUIREMENTS
EMI
electromagnetic emission
ETS 300 330, Sep 1994
FTZ 17 TR 2100
RFI emission limit class
EN 55022, 1987
Immunity
RF electromagnetic field
ENV 50140
80 to 1000 MHz: 3 V/m, AM 80%, 1 kHz
electrostatic discharge
IEC 801-2, 1991
contact discharge: 4 kV; air discharge: 8 kV
electrical fast transient
(burst)
IEC 801-4, 1988
signal ports: 0.5 kV; DC power ports: 1 kV;
AC power ports 2 kV
RF common mode
ENV 50141
current clamp injection 150 kHz to 80 MHz:
3 V (rms), AM 80%, 1 kHz
voltage dips and
interruptions
IEC 1000-4-11
reduction of 30% of UN for 10 ms, of 60% of
UN for 100 ms, voltage interruption for 5 s
surges, common and
differential mode
IEC 1000-4-5
AC power input ports: 1 kV
(lines-to-ground), 0.5 V (line-to-line)
7.5
Operating security
The following mechanisms ensure the operation security
of the HITAG system:
• Anticollission mode
• Monitoring the supply voltage
• Antenna rupture and short circuit.
7.5.1
ANTICOLLISION MODE
Anticollision mode in long range applications permits you
to process several HITAG 1 transponders simultaneously.
Theoretically up to 232 HITAG 1 transponders can be
processed simultaneously. In practice this number is
limited, because of the mutual influence of the
transponders. They detune each other, if there are too
many too close to each other. In long range applications
using HITAG 2 transponders, only one transponder is
handled even if there are several transponders within the
communication field of the antenna. In this case either no
communication takes place or the ‘stronger’ or closer
transponder takes over.
By muting a selected transponder (HALT mode) another
transponder that is to be found in the communication field
of the antenna can be recognized.
7.5.2
MONITORING THE SUPPLY VOLTAGE
The supply voltage is controlled by a watch dog circuit
which triggers a system reset if the supply voltage of the
core module drops below 4.75 V or if the microcontroller
fails.
7.5.3
ANTENNA RUPTURE AND ANTENNA SHORT-CIRCUIT
The HTRM800 does not get permanently damaged in case
of an antenna rupture or a brief antenna short-circuit. The
detection of detuned or broken antennas (antenna
malfunction) is possible.


Similar Part No. - HTRM800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRM440 PHILIPS-HTRM440 Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
HTRM440/AIE PHILIPS-HTRM440/AIE Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
HTRM440/BIE PHILIPS-HTRM440/BIE Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
HTRM440/CIE PHILIPS-HTRM440/CIE Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
More results

Similar Description - HTRM800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRM440 PHILIPS-HTRM440 Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
SLRM900 PHILIPS-SLRM900 Datasheet
84Kb / 16P
   I-CODE Long range reader module hardware
2002 May 24
HTCM400 PHILIPS-HTCM400 Datasheet
112Kb / 24P
   HITAG core module hardware
2001 Oct 04
HTEV800 PHILIPS-HTEV800 Datasheet
46Kb / 8P
   HITAG long range evaluation kit
2001 Sep 24
HTRC110 NXP-HTRC110 Datasheet
192Kb / 22P
   HITAG reader chip
Rev. 3.1-9 February 2010
HTRC11001T PHILIPS-HTRC11001T Datasheet
94Kb / 20P
   HITAG reader chip
2001 Nov 23
logo
Texas Instruments
RI-STU-650A TI-RI-STU-650A Datasheet
184Kb / 1P
[Old version datasheet]   HF Reader System Series 6000 S6500 Long Range Reader Module
RI-STU-655A TI-RI-STU-655A Datasheet
173Kb / 1P
[Old version datasheet]   HF Reader System Series 6000 S6550 Long Range Reader (Housed)
logo
HOPE Microelectronics C...
RFM98PW HOPE-RFM98PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
logo
Advantech Co., Ltd.
TREK-132-FL ADVANTECH-TREK-132-FL Datasheet
319Kb / 1P
   Long-Range Driver Behavior Recognition Module
4-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com