Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37B787-NS Datasheet(PDF) 1 Page - SMSC Corporation

Part # FDC37B787-NS
Description  Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
Download  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B787-NS Datasheet(HTML) 1 Page - SMSC Corporation

  FDC37B787-NS Datasheet HTML 1Page - SMSC Corporation FDC37B787-NS Datasheet HTML 2Page - SMSC Corporation FDC37B787-NS Datasheet HTML 3Page - SMSC Corporation FDC37B787-NS Datasheet HTML 4Page - SMSC Corporation FDC37B787-NS Datasheet HTML 5Page - SMSC Corporation FDC37B787-NS Datasheet HTML 6Page - SMSC Corporation FDC37B787-NS Datasheet HTML 7Page - SMSC Corporation FDC37B787-NS Datasheet HTML 8Page - SMSC Corporation FDC37B787-NS Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 249 page
background image
1
FDC37B78x
Super I/O Controller with ACPI Support,
Real Time Clock and Consumer IR
FEATURES
5 Volt Operation
PC98/99 and ACPI 1.0 Compliant
Battery Back-up for Wake-Events
ISA Plug-and-Play Compatible Register Set
-
12 IRQ Options
-
15 Serial IRQ Options
-
16 Bit Address Qualification
-
Four DMA Options
-
12mA AT Bus Drivers
BIOS Buffer
20 GPI/O Pins
32KHz Standby Clock Output
Soft Power Management
ACPI/PME Support
SCI/SMI Support
-
Watchdog timer
-
Power Button Override Event
-
Either Edge Triggered Interrupts
Intelligent Auto Power Management
-
Shadowed Write-only Registers
-
Programmable Wake-up Event Interface
8042 Keyboard Controller
-
2K Program ROM
-
256 Bytes Data RAM
-
Asynchronous Access to Two Data
Registers and One Status Register
-
Supports Interrupt and Polling Access
-
8 Bit Timer/Counter
-
Port 92 Support
-
Fast Gate A20 and Hardware Keyboard
Reset
Real Time Clock
-
Day of Month Alarm, Century Byte
-
MC146818 and DS1287 Compatible
-
256 Bytes of Battery Backed CMOS in
Two Banks of 128 Bytes
-
128 Bytes of CMOS RAM Lockable in
4x32 Byte Blocks
-
12 and 24 Hour Time Format
-
Binary and BCD Format
-
5
μA Standby Battery Current (max)1
2.88MB Super I/O Floppy Disk Controller
-
Relocatable to 480 Different Addresses
-
Licensed CMOS 765B Floppy Disk
Controller
-
Advanced Digital Data Separator
-
SMSC's Proprietary 82077AA
Compatible Core
-
Sophisticated Power Control Circuitry
(PCC) Including Multiple Powerdown
Modes for Reduced Power
Consumption
-
Supports Two Floppy Drives Directly
-
Software Write Protect
-
FDC on Parallel Port
-
Low Power CMOS Design
-
Supports Vertical Recording Format
-
16 Byte Data FIFO
-
100% IBM Compatibility
-
Detects All Overrun and Underrun
Conditions
-
24mA Drivers and Schmitt Trigger
Inputs
Enhanced FDC Digital Data Separator
-
Low Cost Implementation
-
No Filter Components Required
-
2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps,
250 Kbps Data Rates
-
Programmable Precompensation
Modes


Similar Part No. - FDC37B787-NS

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
More results

Similar Description - FDC37B787-NS

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
SIO1036 SMSC-SIO1036 Datasheet
365Kb / 4P
   Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000_07 Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
logo
Microsemi Corporation
SIO1049 MICROSEMI-SIO1049 Datasheet
199Kb / 6P
   Super I/O with LPC Interface, with IrDA and Microsoft Windows MCE Consumer IR Support
logo
New Japan Radio
NJU6355 NJRC-NJU6355 Datasheet
62Kb / 6P
   SERIAL I/O REAL TIME CLOCK
NJU6350 NJRC-NJU6350 Datasheet
87Kb / 9P
   SERIAL I/O REAL TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com