Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C666GT Datasheet(PDF) 7 Page - SMSC Corporation

Part # FDC37C666GT
Description  High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C666GT Datasheet(HTML) 7 Page - SMSC Corporation

Back Button FDC37C666GT Datasheet HTML 3Page - SMSC Corporation FDC37C666GT Datasheet HTML 4Page - SMSC Corporation FDC37C666GT Datasheet HTML 5Page - SMSC Corporation FDC37C666GT Datasheet HTML 6Page - SMSC Corporation FDC37C666GT Datasheet HTML 7Page - SMSC Corporation FDC37C666GT Datasheet HTML 8Page - SMSC Corporation FDC37C666GT Datasheet HTML 9Page - SMSC Corporation FDC37C666GT Datasheet HTML 10Page - SMSC Corporation FDC37C666GT Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 152 page
background image
7
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
39
Parallel Port
Interrupt
Request 1
PINTR1
O24
OD24
This interrupt from the Parallel Port is
enabled/disabled via bit 4 of the Parallel
Port
Control
Register.
Refer
to
configuration registers CR1 and CR3 for
more information.
If EPP or ECP Mode is enabled, this output
is pulsed low, then released to allow sharing
of interrupts.
57
Reset
RST
IS
This
active
high
signal
resets
the
FDC37C665GT and must be valid for 500
ns minimum.
The effect on the internal
registers is described in the appropriate
section. The configuration registers are not
affected
by
this
reset.
In
the
FDC37C666GT, the falling edge of reset
latches the jumper configuration.
The
jumper select lines must be valid 50 ns prior
to this edge.
FLOPPY DISK INTERFACE
16
nRead Disk Data nRDATA
IS
Raw serial bit stream from the disk drive,
low active. Each falling edge represents a
flux transition of the encoded data.
10
nWrite
Gate
nWGATE
OD48
This active low high current driver allows
current to flow through the write head.
It
becomes active just prior to writing to the
diskette.
9
nWrite
Data
nWDATA
OD48
This active low high current driver provides
the encoded data to the disk drive.
Each
falling edge causes a flux transition on the
media.
11
nHead
Select
nHDSEL
OD48
This high current output selects the floppy
disk side for reading or writing. A logic "1"
on this pin means side 0 will be accessed,
while a logic "0" means side 1 will be ac-
cessed.


Similar Part No. - FDC37C666GT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C666GT SMSC-FDC37C666GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
More results

Similar Description - FDC37C666GT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
   3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com