Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1501 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # UF1501
Description  1.5A ULTRA-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF1501 Datasheet(HTML) 3 Page - Diodes Incorporated

  UF1501_1 Datasheet HTML 1Page - Diodes Incorporated UF1501_1 Datasheet HTML 2Page - Diodes Incorporated UF1501_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS25006 Rev. 4 - 2
3 of 3
UF1501/S - UF1507/S
www.diodes.com
Notes:
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
Ordering Information
Device
Packaging
Shipping
UF1501-B
DO-15
1K/Bulk
UF1501-T
DO-41
5K/Tape & Reel, 13-inch
UF1502-B
DO-15
1K/Bulk
UF1502-T
DO-41
5K/Tape & Reel, 13-inch
UF1503-B
DO-15
1K/Bulk
UF1503-T
DO-41
5K/Tape & Reel, 13-inch
UF1504-B
DO-15
1K/Bulk
UF1504-T
DO-41
5K/Tape & Reel, 13-inch
UF1505-B
DO-15
1K/Bulk
UF1505-T
DO-41
5K/Tape & Reel, 13-inch
UF1506-B
DO-15
1K/Bulk
UF1506-T
DO-41
5K/Tape & Reel, 13-inch
UF1507-B
DO-15
1K/Bulk
UF1507-T
DO-41
5K/Tape & Reel, 13-inch
(Note 6)
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - UF1501_1

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
UF1501 CTC-UF1501_1 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS (DO-41)
logo
Diodes Incorporated
UF1501 DIODES-UF1501_10 Datasheet
85Kb / 4P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. 5 - 2
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Similar Description - UF1501_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF1501 DIODES-UF1501 Datasheet
62Kb / 2P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. A1-2
UF1501S DIODES-UF1501S_15 Datasheet
130Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
UF1501 DIODES-UF1501_10 Datasheet
85Kb / 4P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. 5 - 2
logo
TAITRON Components Inco...
TUF151 TAITRON-TUF151 Datasheet
137Kb / 4P
   1.5A Ultra Fast Recovery Rectifier
logo
Frontier Electronics.
HER151 FRONTIER-HER151 Datasheet
129Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
HER151-LFR FRONTIER-HER151-LFR Datasheet
128Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
HER151G FRONTIER-HER151G Datasheet
1,006Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
   1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com