Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ170A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SMCJ170A
Description  1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMCJ170A Datasheet(HTML) 4 Page - Diodes Incorporated

  SMCJ170A Datasheet HTML 1Page - Diodes Incorporated SMCJ170A Datasheet HTML 2Page - Diodes Incorporated SMCJ170A Datasheet HTML 3Page - Diodes Incorporated SMCJ170A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS19003 Rev. 15 - 2
4 of 4
SMCJ5.0(C)A - SMCJ170(C)A
www.diodes.com
XXX = Product type marking code (See Page 2)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
YWW
XXX
Marking Information
Ordering Information
Device
Packaging
Shipping
SMCJXXX(C)A-13-F
SMC
5000/Tape & Reel
Notes:
9. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
*x = Device Voltage, e.g., SMCJ170A-13-F.
(Note 9)
IMPORTANT NOTICE
LIFE SUPPORT
www.diodes.com
Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance-
ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein;
neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such
use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
The products located on our website at
are not recommended for use in life support systems where a failure or malfunction of the
component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.


Similar Part No. - SMCJ170A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ170A DCCOM-SMCJ170A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ170A VISHAY-SMCJ170A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
logo
Taiwan Semiconductor Co...
SMCJ170A TSC-SMCJ170A Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
DAESAN ELECTRONIC CORP.
SMCJ170A DAESAN-SMCJ170A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ170A TSC-SMCJ170A Datasheet
465Kb / 5P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ170A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com