Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ6.0CA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SMAJ6.0CA
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAJ6.0CA Datasheet(HTML) 4 Page - Diodes Incorporated

  SMAJ6.0CA Datasheet HTML 1Page - Diodes Incorporated SMAJ6.0CA Datasheet HTML 2Page - Diodes Incorporated SMAJ6.0CA Datasheet HTML 3Page - Diodes Incorporated SMAJ6.0CA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS19005 Rev. 13 - 2
4 of 4
SMAJ5.0(C)A - SMAJ170(C)A
www.diodes.com
XX = Product type marking code (See Page 2)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
YWW
XX
Marking Information
Ordering Information
Device
Packaging
Shipping
SMAJXXX(C)A-13-F
SMA
5000/Tape & Reel
Notes:
8. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
*x = Device Voltage, e.g., SMCJ170A-13-F. Example: SMAJ170A-13-F.
(Note 8)
IMPORTANT NOTICE
LIFE SUPPORT
www.diodes.com
Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance-
ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein;
neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such
use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
The products located on our website at
are not recommended for use in life support systems where a failure or malfunction of the
component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.


Similar Part No. - SMAJ6.0CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
SMAJ6.0CA SEMITECH-SMAJ6.0CA Datasheet
495Kb / 5P
   Low profile package
logo
Bytes
SMAJ6.0CA BYTES-SMAJ6.0CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ6.0CA HY-SMAJ6.0CA Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Micro Commercial Compon...
SMAJ6.0CA MCC-SMAJ6.0CA Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
logo
AiT Semiconductor Inc.
SMAJ6.0CA AITSEMI-SMAJ6.0CA Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
More results

Similar Description - SMAJ6.0CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com