Electronic Components Datasheet Search |
|
XC62KN401DL Datasheet(PDF) 6 Page - Torex Semiconductor |
|
XC62KN401DL Datasheet(HTML) 6 Page - Torex Semiconductor |
6 / 14 page 528 XC62K Series NOTE: *1: VOUT(T)=Specified output voltage *2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T) -1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *3: Vdif = {VIN1 - VOUT1} *4: VOUT1 =A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T) -1.0V} is input. *5: VIN1=The input voltage when a voltage equal to 98% of VOUT(E) appears. (Input voltage is gradually decreased.) *6: IOUTMAX=Please ensure that output current is within the values given for power dissipation. PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage (*2) VOUT(E) IOUT=20mA VIN=-6.0V x 0.98 -4.90 VOUT(T) -5.00 x 1.02 -5.10 V 2 Maximum Output Current IOUT max VIN=-6.0V, VOUT(E)≧-4.5V 100 - - mA 4 Load Regulation △ VOUT VIN=6.0V 1mA≦IOUT≦50mA - 40 80 mV 4 IOUT=50mA - 120 300 Dropout Voltage (*3) Vdif IOUT=100mA - 380 600 mV 3 Supply Current ISS VIN=-6.0V - 3.0 7.0 μ A 1 Line Regulation △ VOUT △ VIN・VOUT IOUT=20mA -6.0V≦VIN≦-10.0V - 0.1 0.3 %V 3 Input Voltage VIN - - - -10.0 V - Output Voltage Temperature Characteristics △ VOUT △ VIN・VOUT IOUT=20mA -30℃≦Topr≦80℃ - ± 100 - ppm/ ℃ - PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage (*2) VOUT(E) IOUT=20mA VIN=-5.0V x 0.98 -3.92 VOUT(T) -4.00 x 1.02 -4.08 V 2 Maximum Output Current IOUT max VIN=-5.0V, VOUT(E)≧-3.6V 80 - - mA 4 Load Regulation △ VOUT VIN=-5.0V 1mA≦IOUT≦45mA - 40 80 mV 4 IOUT=45mA - 120 300 Dropout Voltage (*3) Vdif IOUT=90mA - 380 600 mV 3 Supply Current ISS VIN=-5.0V - 3.0 6.5 μ A 1 Line Regulation △ VOUT △ VIN・VOUT IOUT=20mA -5.0V≦VIN≦-10.0V - 0.1 0.3 %V 3 Input Voltage VIN - - - -10.0 V - Output Voltage Temperature Characteristics △ VOUT △ VIN・VOUT IOUT=20mA -30℃≦Topr≦80℃ - ± 100 - ppm/ ℃ - XC62KN5002 VOUT(T)=-5.0V Ta=25℃ ■ ELECTRICAL CHARACTERISTICS XC62KN4002 VOUT(T)=-4.0V Ta=25℃ |
Similar Part No. - XC62KN401DL |
|
Similar Description - XC62KN401DL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |