Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100 Datasheet(PDF) 6 Page - SMSC Corporation

Part # LAN91C100
Description  FEAST??Fast Ethernet Controller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button LAN91C100 Datasheet HTML 2Page - SMSC Corporation LAN91C100 Datasheet HTML 3Page - SMSC Corporation LAN91C100 Datasheet HTML 4Page - SMSC Corporation LAN91C100 Datasheet HTML 5Page - SMSC Corporation LAN91C100 Datasheet HTML 6Page - SMSC Corporation LAN91C100 Datasheet HTML 7Page - SMSC Corporation LAN91C100 Datasheet HTML 8Page - SMSC Corporation LAN91C100 Datasheet HTML 9Page - SMSC Corporation LAN91C100 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
6
DESCRIPTION OF PIN FUNCTIONSOF PIN FUNCTIONSPIN FUNCTIONS
PQFP/TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
108
nLocal
Device
nLDEV
O16
Output. This active low output is asserted
when AEN is low and A4-A15 decode to the
LAN91C100 address programmed into the
high byte of the Base Address Register.
nLDEV
is
a
combinatorial
decode
of
unlatched address and AEN signals.
177
nRead
Strobe
nRD
IS
Input.
Used
in
asynchronous
bus
interfaces.
178
nWrite
Strobe
nWR
IS
Input.
Used
in
asynchronous
bus
interfaces.
190
nData Path
Chip Select
nDATACS
IP
Input.
When nDATACS is low, the Data
Path can be accessed regardless of the
values of AEN, A1-A15 and the content of
the BANK SELECT Register. nDATACS
provides an interface for bursting to and
from the LAN91C100 32 bits at a time.
54
EEPROM
Clock
EESK
O4
Output. 4
µsec clock used to shift data in
and out of the serial EEPROM.
55
EEPROM
Select
EECS
O4
Output.
Used for selection and command
framing of the serial EEPROM.
52
EEPROM
Data Out
EEDO
O4
Output. Connected to the DI input of the
serial EEPROM.
53
EEPROM
Data In
EEDI
ID
Input. Connected to the DO output of the
serial EEPROM.
13,15,16
I/O Base
IOS0-IOS2
IP
Input. External switches can be connected
to these lines to select between predefined
EEPROM configurations.
51
Enable
EEPROM
ENEEP
IP
Input.
Enables
(when
high
or
open)
LAN91C100
accesses
to
the
serial
EEPROM.
Must
be
grounded
if
no
EEPROM is connected to the LAN91C100.


Similar Part No. - LAN91C100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100-FD-SS SMSC-LAN91C100-FD-SS Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
More results

Similar Description - LAN91C100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
   FEAST Fast Ethernet Controller
logo
SMSC Corporation
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C110 SMSC-LAN91C110_08 Datasheet
381Kb / 56P
   FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
LAN91C110 SMSC-LAN91C110 Datasheet
482Kb / 55P
   FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
logo
Intel Corporation
82551IT INTEL-82551IT Datasheet
736Kb / 102P
   Fast Ethernet PCI Controller
logo
ASIX Electronics Corpor...
AX88140A ASIX-AX88140A Datasheet
467Kb / 46P
   Fast Ethernet MAC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com