Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C96I-MU Datasheet(PDF) 5 Page - SMSC Corporation

Part # LAN91C96I-MU
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96I-MU Datasheet(HTML) 5 Page - SMSC Corporation

  LAN91C96I-MU Datasheet HTML 1Page - SMSC Corporation LAN91C96I-MU Datasheet HTML 2Page - SMSC Corporation LAN91C96I-MU Datasheet HTML 3Page - SMSC Corporation LAN91C96I-MU Datasheet HTML 4Page - SMSC Corporation LAN91C96I-MU Datasheet HTML 5Page - SMSC Corporation LAN91C96I-MU Datasheet HTML 6Page - SMSC Corporation LAN91C96I-MU Datasheet HTML 7Page - SMSC Corporation LAN91C96I-MU Datasheet HTML 8Page - SMSC Corporation LAN91C96I-MU Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 109 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller
SMSC DS – LAN91C96I
Page 5
Rev. 03-28-07
DATASHEET
Chapter 1
General Description
The LAN91C96I is a VLSI Ethernet Controller that combines Local Bus interfaces in one chip. LAN91C96I
integrates all MAC and physical layer functions, as well as the packet RAM, needed to implement a high
performance 10BASE-T (twisted pair) node. For 10BASE5 (thick coax), 10BASE2 (thin coax), and
10BASE-F (fiber) implementations, the LAN91C96I interfaces to external transceivers via the provided AUI
port. Only one additional IC is required for most applications. The LAN91C96I comes with Full Duplex
Switched Ethernet (FDSWE) support allowing the controller to provide much higher throughput. 6K bytes
of RAM is provided to support enhanced throughput and compensate for any increased system service
latencies. The controller implements multiple advanced powerdown modes including Magic Packet to
conserve power and operate more efficiently. The LAN91C96I can directly interface with the Local Bus and
deliver no-wait-state operation. For Local Bus interfaces, the LAN91C96I occupies 16 I/0 locations and no
memory space.
The same I/O space is used for Local Bus operations. Its shared memory is sequentially accessed with
40ns access times to any of its registers, including its packet memory. DMA services are not used by the
LAN91C96I, virtually decoupling network traffic from local or system bus utilization. For packet memory
management, the LAN91C96I integrates a unique hardware Memory Management Unit (MMU) with
enhanced performance and decreased software overhead when compared to ring buffer and linked list
architectures.
The LAN91C96I is portable to different CPU and bus platforms due to its flexible bus
interface, flat memory structure (no pointers), and its loosely coupled buffered architecture (not sensitive to
latency).
The LAN91C96I is available in 100-pin QFP and TQFP (1.0 mm body thickness) packages; green, lead-
free packages are also available. The low profile TQFP is ideal for mobile applications such as PC Card
LAN adapters. The LAN91C96I operates with a single power supply voltage of 5V or 3.3V. The industrial
temperature range for LAN91C96I is –40
°C to 85°C.


Similar Part No. - LAN91C96I-MU

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C96I-MU SMSC-LAN91C96I-MU Datasheet
655Kb / 110P
   NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
More results

Similar Description - LAN91C96I-MU

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C96 SMSC-LAN91C96_07 Datasheet
631Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96 SMSC-LAN91C96 Datasheet
775Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96I SMSC-LAN91C96I Datasheet
655Kb / 110P
   NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
   PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
   PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
logo
List of Unclassifed Man...
RTL8029AS ETC2-RTL8029AS Datasheet
578Kb / 41P
   Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9115 SMSC-LAN9115 Datasheet
219Kb / 7P
   HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com