Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A04-T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 10A04-T
Description  10A RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

10A04-T Datasheet(HTML) 3 Page - Diodes Incorporated

  10A04-T Datasheet HTML 1Page - Diodes Incorporated 10A04-T Datasheet HTML 2Page - Diodes Incorporated 10A04-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS28010 Rev. 4 - 2
3 of 3
10A01-10A07
www.diodes.com
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - 10A04-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A04 DIODES-10A04 Datasheet
48Kb / 2P
   10A RECTIFIER
DS28010 Rev. B-2
logo
Micro Commercial Compon...
10A04 MCC-10A04 Datasheet
88Kb / 2P
   10 Amp Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
10A04 TSC-10A04 Datasheet
60Kb / 2P
   10.0 AMPS. Silicon Rectifiers
logo
Shanghai Lunsure Electr...
10A04 CHENYI-10A04 Datasheet
51Kb / 2P
   10Amp Rectifier 50to1000Volts
logo
EIC discrete Semiconduc...
10A04 EIC-10A04 Datasheet
40Kb / 2P
   SILICON RECTIFIER DIODES
More results

Similar Description - 10A04-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A01 DIODES-10A01 Datasheet
48Kb / 2P
   10A RECTIFIER
DS28010 Rev. B-2
10A01 DIODES-10A01_15 Datasheet
63Kb / 3P
   10A RECTIFIER
logo
Won-Top Electronics
KBU1000 WTE-KBU1000 Datasheet
42Kb / 3P
   10A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
SB100-09 SANYO-SB100-09 Datasheet
80Kb / 3P
   90V, 10A Rectifier
SB100-18 SANYO-SB100-18 Datasheet
80Kb / 3P
   180V, 10A Rectifier
logo
Diodes Incorporated
PBPC1001 DIODES-PBPC1001_1 Datasheet
333Kb / 3P
   10A BRIDGE RECTIFIER
DS21312 Rev. 7 - 2
logo
Gamma Microelectronics ...
GMR10H100C GAMMA-GMR10H100C_1 Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
GMR10H45C GAMMA-GMR10H45C Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
logo
Sanyo Semicon Device
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
   90V, 10A Rectifier
SBA100-04J SANYO-SBA100-04J Datasheet
82Kb / 3P
   40V, 10A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com