Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4007G-T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 1N4007G-T
Description  1.0A GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4007G-T Datasheet(HTML) 1 Page - Diodes Incorporated

  1N4007G-T Datasheet HTML 1Page - Diodes Incorporated 1N4007G-T Datasheet HTML 2Page - Diodes Incorporated 1N4007G-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS29002 Rev. 6 - 2
1 of 3
1N4001G/L-1N4007G/L
www.diodes.com
ã Diodes Incorporated
1N4001G/L - 1N4007G/L
1.0A GLASS PASSIVATED RECTIFIER
Features
“L” Suffix Designates A-405 Package
No Suffix Designates DO-41 Package
DO-41 Plastic
A-405
Dim
Min
Max
Min
Max
A
25.40
25.40
B
4.06
5.21
4.10
5.20
C
0.71
0.864
0.53
0.64
D
2.00
2.72
2.00
2.70
All Dimensions in mm
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
High Current Capability and Low Forward Voltage Drop
·
Surge Overload Rating to 30A Peak
·
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
·
Case: DO-41 Plastic, A-405
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Tin. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Ordering Information: See Last Page
·
Marking: Type Number
·
Weight: DO-41 0.30 grams (approximate)
A-405 0.20 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N4001
G/GL
1N4002
G/GL
1N4003
G/GL
1N4004
G/GL
1N4005
G/GL
1N4006
G/GL
1N4007
G/GL
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@ TA = 75°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load
IFSM
30
A
Forward Voltage
@ IF = 1.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
at Rated DC Blocking Voltage
@ TA = 125°C
IRM
5.0
50
µA
Reverse Recovery Time (Note 3)
trr
2.0
µs
Typical Total Capacitance (Note 2)
CT
8.0
pF
Typical Thermal Resistance Junction to Ambient
RqJA
100
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Notes:
1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = -1A, Irr = 0.25A.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
SPICE MODELS: 1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N4006G 1N4007G 1N4001GL 1N4002GL 1N4003GL 1N4004GL 1N4005GL 1N4006GL 1N4007GL


Similar Part No. - 1N4007G-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4007G-T DIODES-1N4007G-T Datasheet
95Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
1N4007G-T3 WTE-1N4007G-T3 Datasheet
61Kb / 4P
   1.0A GLASS PASSIVATED STANDARD DIODE
1N4007G-TB WTE-1N4007G-TB Datasheet
61Kb / 4P
   1.0A GLASS PASSIVATED STANDARD DIODE
More results

Similar Description - 1N4007G-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1G DIODES-D1G Datasheet
59Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. A-2
1N4001G DIODES-1N4001G Datasheet
60Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. D-2
D1G DIODES-D1G_1 Datasheet
350Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. 3 - 2
1N4001G DIODES-1N4001G_2 Datasheet
62Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 7 - 2
logo
TAITRON Components Inco...
RL101G TAITRON-RL101G Datasheet
188Kb / 5P
   1.0A Glass Passivated Rectifier
logo
Diodes Incorporated
1N4001G DIODES-1N4001G_12 Datasheet
95Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
1A1G ZSELEC-1A1G Datasheet
91Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
1N4001G ZSELEC-1N4001G Datasheet
115Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N4001G DIODES-1N4001G_15 Datasheet
95Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
1N4001G WTE-1N4001G Datasheet
53Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com