Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4370A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N4370A
Description  DOUBLE PLUG CONSTRUCTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4370A Datasheet(HTML) 2 Page - Microsemi Corporation

  1N4370A Datasheet HTML 1Page - Microsemi Corporation 1N4370A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14
1N746 thru 1N759A
and
1N4370 thru1N4372A
INCLUDING -1 VERSIONS
0
25
50
75
100
125
150
175
TL, Lead temperature (C°) 3/8” from body
POWER DERATING CURVE
500
400
300
200
100
0
100
50
20
10
5
2
1
4
6
10
20
40
60
100
FIGURE 3
operating current (mA)
ZENER IMPEDANCE VS. OPERATING CURRENT


Similar Part No. - 1N4370A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4370A CDI-DIODE-1N4370A Datasheet
23Kb / 2P
   DOUBLE PLUG CONSTRUCTION
logo
Leshan Radio Company
1N4370A LRC-1N4370A Datasheet
36Kb / 1P
   1N43 1N7 SERIES ZENER DIODES
logo
Microsemi Corporation
1N4370A MICROSEMI-1N4370A Datasheet
222Kb / 3P
   SILICON 400 mW ZENER DIODES
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
logo
Motorola, Inc
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
More results

Similar Description - 1N4370A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N746 CDI-DIODE-1N746 Datasheet
23Kb / 2P
   DOUBLE PLUG CONSTRUCTION
logo
List of Unclassifed Man...
JANTX1N4454-1 ETC2-JANTX1N4454-1 Datasheet
48Kb / 2P
   DOUBLE PLUG CONSTRUCTION
logo
Microsemi Corporation
1N957 MICROSEMI-1N957 Datasheet
135Kb / 2P
   METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
logo
Pasternack Enterprises,...
PE33449 PASTERNACK-PE33449 Datasheet
118Kb / 1P
   CABLE ASSEMBLY RG223/U DOUBLE BANANA PLUG TO DOUBLE BANANA PLUG
PE3005-24 PASTERNACK-PE3005-24 Datasheet
118Kb / 1P
   cable assembly, rg58c/u, double banana plug to double banana plug
PE3005-60 PASTERNACK-PE3005-60 Datasheet
118Kb / 1P
   cable assembly, rg58c/u, double banana plug to double banana plug
PE3013-24 PASTERNACK-PE3013-24 Datasheet
136Kb / 1P
   cable assembly, rg58c/u, double banana plug to double banana plug
logo
Pomona Electronics
1823 POMONA-1823 Datasheet
22Kb / 1P
   Double Banana Plug Splice
logo
Pasternack Enterprises,...
PE34595 PASTERNACK-PE34595 Datasheet
117Kb / 1P
   CABLE ASSEMBLY RG174A/U DOUBLE BANANA PLUG TO DOUBLE BANANA PLUG
PE3005-36 PASTERNACK-PE3005-36 Datasheet
118Kb / 1P
   cable assembly, rg58c/u, double banana plug to double banana plug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com