Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6367E655ML Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6367E655ML
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367E655ML Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6367E655ML Datasheet HTML 4Page - Torex Semiconductor XC6367E655ML Datasheet HTML 5Page - Torex Semiconductor XC6367E655ML Datasheet HTML 6Page - Torex Semiconductor XC6367E655ML Datasheet HTML 7Page - Torex Semiconductor XC6367E655ML Datasheet HTML 8Page - Torex Semiconductor XC6367E655ML Datasheet HTML 9Page - Torex Semiconductor XC6367E655ML Datasheet HTML 10Page - Torex Semiconductor XC6367E655ML Datasheet HTML 11Page - Torex Semiconductor XC6367E655ML Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
560
XC6367/6368 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Voltage
VOUT
2.925
3.000
3.075
V
Supply Voltage (* 1)
VDD
2.0
-
10.0
V
Maximum Input Voltage
VIN
10.0
-
-
V
Oscillation Start Voltage 1
VST1
Tr: 2SD1628, IOUT=1.0mA
-
-
0.9
V
Oscillation Start Voltage 2
VST2
VDD=CE: Apply voltage, FB=0V
-
-
0.8
V
Oscillation Hold Voltage
VHLD
Tr: 2SD1628, IOUT=1.0mA
-
-
0.7
V
Supply Current 1
IDD1
VDD=CE=2.85V,FB=0V
-
120
190
μ
A
Supply Current 2
IDD2
VDD=CE=3.5V,FB=1.2V
-
20
34
μ
A
Stand-by Current
ISTB
VDD=2.85V, CE=0V, FB=0V
-
-
0.5
μ
A
Oscillation Frequency
FOSC
Same as IDD1
255
300
345
kHz
Maximum Duty Ratio
MAXDTY
Same as IDD1
78
85
92
%
PFM Duty Ratio (* 3)
PFMDTY
IOUT=0mA
15
25
35
%
CE "High" Voltage
VCEH
VDD=2.85V,FB=0V
0.65
-
-
V
CE "Low" Voltage
VCEL
VDD=2.85V,FB=0V
-
-
0.20
V
EXT "High" ON Resistance
REXTH
Same as IDD1, VEXT=VDD-0.4V
-
32
47
Ω
EXT "Low" ON Resistance
REXTL
Same as IDD1, VEXT=0.4V
-
20
30
Ω
Efficiency (* 2)
EFFI
-
84
-
%
Soft-Start Time
TSS
Connect RSS and CSS,
CE:0V→3.0V (XC6367D/68D series)
5
10
20
msec
XC6367B103MR, XC6368B103MR
VOUT=3.0V , FOSC=300kHz, Ta=25℃
Conditions: Unless otherwise stated, VIN=1.8V, IOUT=120mA
External components : RFB1 = 400kΩ, RFB2 = 200kΩ, CFB = 47pF
NOTE:
* 1: When taking VDD from another power source please ensure that VDD = 2.0V or more.
Oscillation will occur with a value of VDD = 0.8V or more, but with a value of VDD = 2.0V or more,
output voltage and oscillation frequency will be stable.
* 2: EFFI = {[(output voltage) x (output current)]÷[(input voltage) x (input current)] x 100
* 3: Applies to the XC6368 series only (duty ratio when control changes to PFM).
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6367E655ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6367E655ML TOREX-XC6367E655ML Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results

Similar Description - XC6367E655ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_11 Datasheet
391Kb / 9P
   PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550 Datasheet
193Kb / 10P
   PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com