Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M18 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L78M18
Description  Positive voltage regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M18 Datasheet(HTML) 4 Page - STMicroelectronics

  L78M18 Datasheet HTML 1Page - STMicroelectronics L78M18 Datasheet HTML 2Page - STMicroelectronics L78M18 Datasheet HTML 3Page - STMicroelectronics L78M18 Datasheet HTML 4Page - STMicroelectronics L78M18 Datasheet HTML 5Page - STMicroelectronics L78M18 Datasheet HTML 6Page - STMicroelectronics L78M18 Datasheet HTML 7Page - STMicroelectronics L78M18 Datasheet HTML 8Page - STMicroelectronics L78M18 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Maximum ratings
L78M00 series
4/30
2
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC Input voltage
for VO= 5 to 18V
35
V
for VO= 20, 24V
40
IO
Output current
Internally Limited
mA
PD
Power dissipation
Internally Limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
0 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
TO-220
TO-220FP
DPAK
IPAK
Unit
RthJC
Thermal resistance junction-case
3
5
8
°C/W
RthJA
Thermal resistance junction-ambient
50
60
100
°C/W
Figure 3.
Application circuits


Similar Part No. - L78M18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M18 STMICROELECTRONICS-L78M18 Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATORS
January 2004
L78M18ABDT STMICROELECTRONICS-L78M18ABDT Datasheet
203Kb / 17P
   PRECISION 500mA REGULATORS
L78M18ABV STMICROELECTRONICS-L78M18ABV Datasheet
203Kb / 17P
   PRECISION 500mA REGULATORS
L78M18ACDT STMICROELECTRONICS-L78M18ACDT Datasheet
203Kb / 17P
   PRECISION 500mA REGULATORS
L78M18CDT STMICROELECTRONICS-L78M18CDT Datasheet
173Kb / 19P
   POSITIVE VOLTAGE REGULATORS
More results

Similar Description - L78M18

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com