Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M05CDT-1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L78M05CDT-1
Description  Positive voltage regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M05CDT-1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L78M05CDT-1 Datasheet HTML 3Page - STMicroelectronics L78M05CDT-1 Datasheet HTML 4Page - STMicroelectronics L78M05CDT-1 Datasheet HTML 5Page - STMicroelectronics L78M05CDT-1 Datasheet HTML 6Page - STMicroelectronics L78M05CDT-1 Datasheet HTML 7Page - STMicroelectronics L78M05CDT-1 Datasheet HTML 8Page - STMicroelectronics L78M05CDT-1 Datasheet HTML 9Page - STMicroelectronics L78M05CDT-1 Datasheet HTML 10Page - STMicroelectronics L78M05CDT-1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
L78M00 series
Electrical characteristics
7/30
Table 5.
Electrical characteristics of L78M08C (refer to the test circuits, TJ = 25°C, VI = 14V,
IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
7.7
8
8.3
V
VO
Output voltage
IO = 5 to 350 mA, VI = 10.5 to 23 V
7.6
8
8.4
V
∆VO
Line regulation
VI = 10.5 to 25 V, IO = 200 mA
100
mV
VI = 11 to 25 V, IO = 200 mA
50
∆VO
Load regulation
IO = 5 to 500 mA, TJ = 25°C
160
mV
IO = 5 to 200 mA, TJ = 25°C
80
Id
Quiescent current
6
mA
∆Id
Quiescent current change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA, VI = 10.5 to 25 V
0.8
∆VO/∆T Output voltage drift
IO = 5 mA, TJ = 0 to 125°C
-0.5
mV/°C
SVR
Supply voltage rejection
VI = 11.5 to 21.5 V, f = 120Hz,
IO = 300mA
56
dB
eN
Output noise voltage
B =10Hz to 100KHz
52
µV
Vd
Dropout voltage
2
V
Isc
Short circuit current
VI = 35 V
250
mA
Table 6.
Electrical characteristics of L78M09C (refer to the test circuits, TJ = 25°C, VI = 15V,
IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
8.65
9
9.35
V
VO
Output voltage
IO = 5 to 350 mA, VI = 11.5 to 24 V
8.55
9
9.45
V
∆VO
Line regulation
VI = 11.5 to 25 V, IO = 200 mA
100
mV
VI = 12 to 25 V, IO = 200 mA
50
∆VO
Load regulation
IO = 5 to 500 mA, TJ = 25°C
180
mV
IO = 5 to 200 mA, TJ = 25°C
90
Id
Quiescent current
6
mA
∆Id
Quiescent current change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA, VI = 11.5 to 25 V
0.8
∆VO/∆T Output voltage drift
IO = 5 mA, TJ = 0 to 125°C
-0.5
mV/°C
SVR
Supply voltage rejection
VI = 12.5 to 23 V, f = 120Hz, IO = 300mA
56
dB
eN
Output noise voltage
B =10Hz to 100KHz
58
µV
Vd
Dropout voltage
2
V
Isc
Short circuit current
VI = 35 V
250
mA


Similar Part No. - L78M05CDT-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M05CDT-1 STMICROELECTRONICS-L78M05CDT-1 Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATORS
January 2004
L78M05CDT-1 STMICROELECTRONICS-L78M05CDT-1 Datasheet
970Kb / 29P
   Positive voltage regulators
L78M05CDT-1 STMICROELECTRONICS-L78M05CDT-1 Datasheet
1Mb / 45P
   Precision 500 mA regulators
Rev 24 - September 2020
More results

Similar Description - L78M05CDT-1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com