Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7228AIBIZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICM7228AIBIZ
Description  8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7228AIBIZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICM7228AIBIZ Datasheet HTML 6Page - Intersil Corporation ICM7228AIBIZ Datasheet HTML 7Page - Intersil Corporation ICM7228AIBIZ Datasheet HTML 8Page - Intersil Corporation ICM7228AIBIZ Datasheet HTML 9Page - Intersil Corporation ICM7228AIBIZ Datasheet HTML 10Page - Intersil Corporation ICM7228AIBIZ Datasheet HTML 11Page - Intersil Corporation ICM7228AIBIZ Datasheet HTML 12Page - Intersil Corporation ICM7228AIBIZ Datasheet HTML 13Page - Intersil Corporation ICM7228AIBIZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
ICM7228
Detailed Description
System Interfacing and Data Entry Modes,
ICM7228A and ICM7228B
The ICM7228A/B devices are compatible with the
architectures of most microprocessor systems. Their fast
switching characteristics makes it possible to access them as
a memory mapped I/O device with no wait state necessary in
most microcontroller systems. All the ICM7228A/B inputs,
including MODE, feature a 250ns minimum setup and 0ns
hold time with a 200ns minimum WRITE pulse. Input logic
levels are TTL and CMOS compatible. Figure 9 shows a
generic method of driving the ICM7228A/B from a
microprocessor bus. To the microprocessor, each device
appears to be 2 separate I/O locations; the Control Register
and the Display RAM. Selection between the two is
accomplished by the MODE input driven by address line A0.
Input data is placed on the lD0 - lD7 lines. The WRITE input
acts as both a device select and write cycle timing pulse. See
Figure 1 and Switching Specifications Table for write cycle
timing parameters.
The ICM7228A/B have three data entry modes: Control
Register update without RAM update, sequential 8-digit
update and single digit update. In all three modes a control
word is first written by pulsing the WRITE input while the
MODE input is high, thereby latching data into the Control
Register. The logic level of individual bits in the Control
Register select Shutdown, Decode/No Decode, Hex/Code B,
RAM bank A/B and Display RAM digit address as shown in
Tables 1 and 2.
The ICM7228A/B Display RAM is divided into 2 banks, called
bank A and B. When using the Hexadecimal or code B display
modes, these RAM banks can be selected separately. This
allows two separate sets of display data to be stored and
displayed alternately. Notice that the RAM bank selection is not
possible in No-Decode mode, this is because the display data
in the No-Decode mode has 8 bits, but in Decoded schemes
(Hex/Code B) is only 4 bits (lD0 - lD3 data). It should also be
mentioned that the decimal point is independent of selected
bank, a turned on decimal point will remain on for either bank.
Selection of the RAM banks is controlled by lD3 input. The lD3
logic level (during Control Register update) selects which bank
of the internal RAM to be written to and/or displayed.
Control Register Update without RAM Update
The Control Register can be updated without changing the
display data by a single pulse on the WRITE input, with MODE
high and DATA COMING low. If the display is being decoded
(Hex/Code B), then the value of lD3 determines which RAM
bank will be selected and displayed for all eight digits.
9
HEXA/CODE
B/SHUTDOWN
Input
Three Level Input. Display Function Control: High, Hexadecimal Decoding; Float, Code B
Decoding; Low, Oscillator, and Display Disabled.
10
DA2
Input
Digit Address Input, Bit 3, MSB.
11
ID1
Input
Display Data Inputs.
12
ID0
13
ID2
14
ID3
15
DIGIT 1
Output
LED Display Digits 1, 2, 5 and 8 Drive Lines.
16
DlGlT 2
17
DIGIT 5
18
DlGlT 8
19
VDD
Supply
Device Positive Power Supply Rail.
20
DIGIT 4
Output
LED Display Digits 4, 7, 6 and 3 Drive Lines.
21
DlGlT 7
22
DlGlT 6
23
DIGlT 3
24
SEG f
Output
LED Display Segments f, d, g and a Drive Lines.
25
SEG d
26
SEG g
27
SEG a
28
VSS
Supply
Device Ground or Negative Power Supply Rail.
TABLE 3. ICM7228C PIN ASSIGNMENTS AND DESCRIPTIONS (Continued)
PIN NO.
NAME
FUNCTION
DESCRIPTION


Similar Part No. - ICM7228AIBIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228AIBIZ INTERSIL-ICM7228AIBIZ Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
logo
Renesas Technology Corp
ICM7228AIBIZ RENESAS-ICM7228AIBIZ Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
More results

Similar Description - ICM7228AIBIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
ICM7228 INTERSIL-ICM7228 Datasheet
99Kb / 17P
   8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7218AIJI INTERSIL-ICM7218AIJI Datasheet
336Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
ICM7218 INTERSIL-ICM7218 Datasheet
252Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com