Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7243AIM44Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICM7243AIM44Z
Description  8-Character, Microprocessor-Compatible, LED Display Decoder Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7243AIM44Z Datasheet(HTML) 4 Page - Intersil Corporation

  ICM7243AIM44Z Datasheet HTML 1Page - Intersil Corporation ICM7243AIM44Z Datasheet HTML 2Page - Intersil Corporation ICM7243AIM44Z Datasheet HTML 3Page - Intersil Corporation ICM7243AIM44Z Datasheet HTML 4Page - Intersil Corporation ICM7243AIM44Z Datasheet HTML 5Page - Intersil Corporation ICM7243AIM44Z Datasheet HTML 6Page - Intersil Corporation ICM7243AIM44Z Datasheet HTML 7Page - Intersil Corporation ICM7243AIM44Z Datasheet HTML 8Page - Intersil Corporation ICM7243AIM44Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN3162.3
October 28, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage VDD - VSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
Input Voltage (Any Terminal) . . . . . . . . . . . VDD +0.3V to VSS -0.3V
CHARacter Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA
SEGment Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . .-25°C to 85°C
Thermal Resistance (Typical, Note 1)
θJA (°C/W) θJC (°C/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
50
N/A
MQFP Package . . . . . . . . . . . . . . . . . .
70
N/A
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(MQFP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VDD = 5V, VSS = 0V, TA = 25°C, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage (VDD - VSS), VSUPP
4.75
5.0
5.25
V
Operating Supply Current, IDD
VSUPP = 5.25V, 10 Segments ON, All 8 Characters
-
180
-
mA
Quiescent Supply Current, ISTBY
VSUPP = 5.25V, OSC/OFF Pin < 0.5V, CS = VSS
-
30
250
µA
Input High Voltage, VIH
2-
-
V
Input Low Voltage, VIL
--
0.8
V
Input Current, IIN
-10
-
+10
µA
CHARacter Drive Current, ICHAR
VSUPP = 5V, VOUT = 1V
140
190
-
mA
CHARacter Leakage Current, ICHLK
-
-
100
µA
SEGment Drive Current, ISEG
VSUPP = 5V, VOUT = 2.5V
14
19
-
mA
SEGment Leakage Current, ISLK
-0.01
10
µA
DISPlay FULL Output Low, VOL
IOL = 1.6mA
-
-
0.4
V
DISPlay FULL Output High, VOH
lIH = 100µA2.4
-
-
V
Display Scan Rate, fDS
-
400
-
Hz
Electrical Specifications
Drive levels 0.4V and 2.4V, timing measured at 0.8V and 2.0V. VDD = 5V, TA = 25°C,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
AC CHARACTERISTICS
WR, CLeaR Pulse Width Low, tWPI
300
250
-
ns
WR, CLeaR Pulse Width High (Note 1), tWPH
-
250
-
ns
Data Hold Time, tDH
0
-100
-
ns
Data Setup Time, tDS
250
150
-
ns
Address Hold Time, tAH
125
-
-
ns
Address Setup Time, tAS
40
15
-
ns
CS, CS Setup Time, tCS
0-
-
ns
Pulse Transition Time, tT
--
100
ns
SEN Setup Time, tSEN
0-25
-
ns
Display Full Delay, tWDF
700
480
-
ns
Capacitance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance, ClN
(Note 2)
-
5
-
pF
Output Capacitance, CO
(Note 2)
-
5
-
pF
NOTES:
1. In Sequential mode WR high must be
≥ TSEN +TWDF.
2. For design reference only, not tested.
ICM7243
ICM7243


Similar Part No. - ICM7243AIM44Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7243AIM44Z INTERSIL-ICM7243AIM44Z Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243AIM44Z INTERSIL-ICM7243AIM44Z Datasheet
423Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Dri
October 2, 2015
logo
Renesas Technology Corp
ICM7243AIM44Z RENESAS-ICM7243AIM44Z Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results

Similar Description - ICM7243AIM44Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
   8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
logo
Renesas Technology Corp
ICM7245 RENESAS-ICM7245 Datasheet
665Kb / 13P
   8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7245 INTERSIL-ICM7245 Datasheet
400Kb / 13P
   8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
ICM7245AIM44Z INTERSIL-ICM7245AIM44Z Datasheet
401Kb / 13P
   8-Character, 16-Segment, Microprocessor Compatible,LED Display Decoder Driver
October 29, 2013
ICM7243BlPL INTERSIL-ICM7243BlPL Datasheet
423Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Dri
October 2, 2015
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com