Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7226A Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICM7226A
Description  8-Digit, Multi-Function, Frequency Counter/Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7226A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICM7226A_01 Datasheet HTML 6Page - Intersil Corporation ICM7226A_01 Datasheet HTML 7Page - Intersil Corporation ICM7226A_01 Datasheet HTML 8Page - Intersil Corporation ICM7226A_01 Datasheet HTML 9Page - Intersil Corporation ICM7226A_01 Datasheet HTML 10Page - Intersil Corporation ICM7226A_01 Datasheet HTML 11Page - Intersil Corporation ICM7226A_01 Datasheet HTML 12Page - Intersil Corporation ICM7226A_01 Datasheet HTML 13Page - Intersil Corporation ICM7226A_01 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
RST IN Input
The RST IN is provided to reset the Main Counter, stop any
measurement in progress, and enable the display latches,
resulting in the all zero display. It is suggested to have a
capacitor at this input to VSS to prevent any hangup problem
on power up. See application circuits.
EXT RANGE Input
This input is provided to select ranges other than those
provided in the chip. In any mode of measurement the duration
of measurement is determined by the EXT RANGE if this input
is enabled. This input is sampled at 10ms intervals by the
100Hz reference derived from the timebase. Figure 12 shows
the relationship between this input, 100Hz reference signal and
MEAS IN PROGRESS. EXT RANGE can change state
anywhere during the period of 100Hz reference by will be
sampled at the trailing edge of the period to start or stop
measurement.
This input should not be used for short arbitrary ranges
(because of its sampling period), it is provided for very long
gating purposes. A way of using the ICM7226 for a short
arbitrary range is to feed the gating signal into the INPUT B
and run the device in the Frequency Ratio mode. Note that
the gating period will be from one positive edge until the next
positive edge of INPUT B (0.01s/1 cycle range).
MEAS IN PROGRESS,STORE, RST OUT Outputs
These outputs are provided for external system interfacing.
MEAS IN PROGRESS stays low during measurements and
goes high for intervals between measurements. Figure 13
shows the relationship between these outputs for intervals
between measurements. All these outputs can drive a low
power Schottky TTL. The MEAS IN PROGRESS can drive
one ECL load if the ECL device is powered from the same
power supply as the ICM7226.
BCD Outputs
The BCD representation of each display digit is available at
the BCD outputs in a multiplexed fashion. See Table 3 for dig-
its truth table. The BCD output of each digit is available when
its corresponding digit output is activated. Note that the digit
outputs are multiplexed from D8 (MSD) to D1 (LSD). The pos-
itive going (ICM7226A, common anode) or the negative going
(ICM7226B, common cathode) digit drive signals lag the BCD
data by 2
µsto 6µs. This starting edge of each digit drive sig-
nal shouldbeusedtoexternally latchthe BCD data. Each
BCD output drives one low power Schottky TTL load. Leading
zero blanking has no effect on the BCD outputs.
BUF OSC OUT Output
The BUFFered OSCillator OUTput is provided for use of the
on-board oscillator signal, without loading the oscillator itself.
This output can drive one low power Schottky TTL load. Care
should be taken to minimize capacitive loading on this pin.
Decimal Point Position
Table 4 shows the decimal point position for different modes
of lCM7226 operation. Note that the digit 1 is the least signif-
icant digit. Table is given for 10MHz timebase frequency.
REFERENCE
COUNTER
CLOCK
MEAS
IN PROGRESS
EXT RANGE
INPUT
tr
FIGURE 12. EXTERNAL RANGE INPUT TO END OF
MEASUREMENT IN PROGRESS
TABLE 3. TRUTH TABLE BCD OUTPUTS
NUMBER
BCD 8
PIN 7
BCD 4
PIN 6
BCD 2
PIN 17
BCD 1
PIN 18
00000
10001
20010
30011
40100
50101
60110
70111
81000
91001
40ms
STORE
RESET OUT
60ms
30ms TO
40ms
40ms
190ms TO 200ms
MEAS
IN PROGRESS
FIGURE 13. RESET OUT, STORE AND MEASUREMENT IN
PROGRESS OUTPUTS BETWEEN MEASUREMENTS
TABLE 4. DECIMAL POINT POSITIONS
RANGE
FREQUENCY
PERIOD
FREQUENCY
RATIO
TIME
INTERVAL
UNIT
COUNTER
OSCILLATOR
FREQUENCY
0.01s/1 Cycle
D2
D2
D1
D2
D1
D2
0.1s/10 Cycle
D3
D3
D2
D3
D1
D3
1s/100 Cycle
D4D4D3D4D1D4
10s/1K Cycle
D5D5D4D5D1D5
External
N/A
N/A
N/A
N/A
N/A
N/A
ICM7226A, ICM7226B


Similar Part No. - ICM7226A_01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226AIJL INTERSIL-ICM7226AIJL Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
ICM7226ALJL INTERSIL-ICM7226ALJL Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
More results

Similar Description - ICM7226A_01

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICM7216A HARRIS-ICM7216A Datasheet
191Kb / 17P
   8-Digit Multi-Function Frequency Counter/Timer
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7216A INTERSIL-ICM7216A Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216B INTERSIL-ICM7216B_04 Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
MC-441 FOTEK-MC-441 Datasheet
887Kb / 2P
   Multi-function UP/Down counter
SC-3X FOTEK-SC-3X Datasheet
2Mb / 4P
   DIN 72X72 MULTI-FUNCTION COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com