Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7226ALJL Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICM7226ALJL
Description  8-Digit, Multi-Function, Frequency Counter/Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7226ALJL Datasheet(HTML) 5 Page - Intersil Corporation

  ICM7226ALJL Datasheet HTML 1Page - Intersil Corporation ICM7226ALJL Datasheet HTML 2Page - Intersil Corporation ICM7226ALJL Datasheet HTML 3Page - Intersil Corporation ICM7226ALJL Datasheet HTML 4Page - Intersil Corporation ICM7226ALJL Datasheet HTML 5Page - Intersil Corporation ICM7226ALJL Datasheet HTML 6Page - Intersil Corporation ICM7226ALJL Datasheet HTML 7Page - Intersil Corporation ICM7226ALJL Datasheet HTML 8Page - Intersil Corporation ICM7226ALJL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Timing Waveform
Multiplex Inputs: Pins 1, 4, 20, 21
Input Low Voltage, VIL
--
0.8
V
Input High Voltage, VIH
2.0
-
-
V
Input Resistance to VSS,RIN
VIN = +1.0V
50
100
-
k
Digit Driver: Pins 22-24, 26-30
Low Output Current, IOL
VO = +1.0V
-
-0.3
-
mA
High Output Current, IOH
VO =VDD -2.0V
150
180
-
mA
ICM7226B
Segment Driver: Pins 22-24, 26-30
Leakage Current, IL
VO =VSS
--
10
µA
High Output Current, IOH
VO =VDD -2.0V
10
15
-
mA
Multiplex Inputs: Pins 1, 4, 20, 21
Input Low Voltage, VIL
--
VDD-2.0
V
Input High Voltage, VIH
VDD-0.8
-
-
V
Input Resistance to VSS,RIN
VIN =VDD -1.0V
100
360
-
k
Digit Driver: Pins 8-11, 13-16
Low Output Current, IOL
VO = +1.0V
50
75
-
mA
High Output Current, IOH
VO =VDD -2.5V
-
100
-
µA
NOTES:
1. Assumes all leads soldered or welded to PC board and free air flow.
2. Typical values are not tested.
Electrical Specifications
VDD =5.0V, TA =25
oC, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
MEASUREMENT
IN PROGRESS
30ms TO 40ms
STORE
RESET
INPUT A
INPUT B
PRIMING EDGES
PRIMING
FUNCTION:
TIME INTERVAL
UPDATE
190ms TO 200ms
40ms
60ms
40ms
MEASUREMENT INTERVAL
250ns MIN
MEASURED
INTERVAL
(FIRST)
MEASURED
INTERVAL
(LAST)
UPDATE
NOTE:
1. If range is set to 1 event, first and last measured interval will coincide.
FIGURE 1. WAVEFORMS FOR TIME INTERVAL MEASUREMENT (OTHERS ARE SIMILAR, BUT WITHOUT PRIMING PHASE)
ICM7226A, ICM7226B


Similar Part No. - ICM7226ALJL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226ALJL INTERSIL-ICM7226ALJL Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
More results

Similar Description - ICM7226ALJL

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICM7216A HARRIS-ICM7216A Datasheet
191Kb / 17P
   8-Digit Multi-Function Frequency Counter/Timer
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7216A INTERSIL-ICM7216A Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216B INTERSIL-ICM7216B_04 Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
MC-441 FOTEK-MC-441 Datasheet
887Kb / 2P
   Multi-function UP/Down counter
SC-3X FOTEK-SC-3X Datasheet
2Mb / 4P
   DIN 72X72 MULTI-FUNCTION COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com