Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBG1030L-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBG1030L-F
Description  10A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBG1030L-F Datasheet(HTML) 2 Page - Diodes Incorporated

  SBG1030L-F Datasheet HTML 1Page - Diodes Incorporated SBG1030L-F Datasheet HTML 2Page - Diodes Incorporated SBG1030L-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30127 Rev. 7 - 2
2 of 3
SBG1025L - SBG1030L
www.diodes.com
0
2
4
8
10
6
0
50
100
T , CASE TEMPERATURE (
°C)
C
Fig. 1 Forward Derating Curve
150
25
75
125
Per Element
Total Device
0.1
100
1.0
10
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics, Per Element
0
0
5
10
15
20
25
30
35
V , REVERSE VOLTAGE (V)
R
Fig. 3 Typical Reverse Characteristics, Per Element
T = 125ºC
j
T = 100ºC
j
T = 25ºC
j
1000
100
10
1
0.1
0.01
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 4 Maximum Non-Repetitive Surge Current
8.3 ms single half-sine-wave
10
1000
500
0.1
1.0
10
100
V , DC REVERSE VOLTAGE (V)
R
Fig. 5 Typical Total Capacitance, Per Element
T = 25
°C
j
f = 1.0MHz


Similar Part No. - SBG1030L-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBG1030L-T DIODES-SBG1030L-T Datasheet
60Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS30127 Rev. 3 - 2
More results

Similar Description - SBG1030L-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1030 DIODES-MBR1030 Datasheet
56Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com