Electronic Components Datasheet Search |
|
ICL7673CBA Datasheet(PDF) 2 Page - Intersil Corporation |
|
ICL7673CBA Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 7 page 2 FN3183.4 July 22, 2005 Absolute Maximum Ratings Thermal Information Input Supply (VP or VS) Voltage . . . . . . . . . . . . GND - 0.3V to +18V Output Voltages PBAR and SBAR . . . . . . . . . . . GND - 0.3V to +18V Peak Current Input VP (at VP = 5V) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . 38mA Input VS (at VS = 3V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA PBAR or SBAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150mA Operating Conditions Temperature Range: ICL7673C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C Thermal Resistance (Typical, Note 2) θJA (°C/W) θJC (°C/W) PDIP Package* . . . . . . . . . . . . . . . . . . 150 N/A Plastic SOIC Package . . . . . . . . . . . . . 180 N/A Maximum Storage Temperature. . . . . . . . . . . . . . . . . -65°C to 150°C Maximum Lead Temperature (Soldering, 10sec). . . . . . . . . . . 300°C (SOIC - Lead Tips Only) *Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTES: 1. Derate above 25°C by 0.38mA/°C. 2. θJA is measured with the component mounted on an evaluation PC board in free air. Electrical Specifications TA = 25°C Unless Otherwise Specified PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS Input Voltage VP VS = 0V, ILOAD = 0mA 2.5 - 15 V VS VP = 0V, ILOAD = 0mA 2.5 - 15 V Quiescent Supply Current I+ VP = 0V, VS = 3V, ILOAD = 0mA - 1.5 5 µA Switch Resistance P1 (Note 1) rDS(ON)P1 VP = 5V, VS = 3V, ILOAD = 15mA - 8 15 Ω At TA = +85°C - 16 - Ω VP = 9V, VS = 3V, ILOAD = 15mA - 6 - Ω VP = 12V, VS = 3V, ILOAD = 15mA - 5 - Ω Temperature Coefficient of Switch Resistance P1 TC(P1) VP = 5V, VS = 3v, ILOAD = 15mA - 0.5 - %/°C Switch Resistance P2 (Note 1) rDS(ON)P2 VP = 0V, VS = 3V, ILOAD = 1mA - 40 100 Ω At TA = +85°C - 60 - Ω VP = 0V, VS = 5V, ILOAD = 1mA - 26 - Ω VP = 0V, VS = 9V, ILOAD = 1mA - 16 - Ω Temperature Coefficient of Switch Resistance P2 TC(P2) VP = 0V, VS = 3V, ILOAD = 1mA - 0.7 - %/°C Leakage Current (VP to VS)IL(PS) VP = 5V, VS = 3V, ILOAD = 10mA - 0.01 20 nA At TA = +85°C - 35 - nA Leakage Current (VP to VS)IL(SP) VP = 0V, VS = 3V, ILOAD = 10mA - 0.01 50 nA at TA = +85°C - 120 - nA Open Drain Output Saturation Voltages VOPBAR VP = 5V, VS = 3V, ISINK = 3.2mA, ILOAD = 0mA - 85 400 mV At TA = 85°C - 120 - mV VP = 9V, VS = 3V, ISINK = 3.2mA, ILOAD = 0mA - 50 - mV VP = 12V, VS = 3V, ISINK = 3.2mA ILOAD = 0mA -40 - mV Open Drain Output Saturation Voltages VOSBAR VP = 0V, VS = 3V, ISINK = 3.2mA, ILOAD = 0mA - 150 400 mV at TA = +85°C - 210 - mV VP = 0V, VS = 5V, ISINK = 3.2mA ILOAD = 0mA - 85 - mV VP = 0V, VS = 9V, ISINK = 3.2mA ILOAD = 0mA - 50 - mV ICL7673 |
Similar Part No. - ICL7673CBA |
|
Similar Description - ICL7673CBA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |