Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-82C55ARH Datasheet(PDF) 5 Page - Intersil Corporation

Part # HS-82C55ARH
Description  Radiation Hardened CMOS Programmable Peripheral Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-82C55ARH Datasheet(HTML) 5 Page - Intersil Corporation

  HS-82C55ARH Datasheet HTML 1Page - Intersil Corporation HS-82C55ARH Datasheet HTML 2Page - Intersil Corporation HS-82C55ARH Datasheet HTML 3Page - Intersil Corporation HS-82C55ARH Datasheet HTML 4Page - Intersil Corporation HS-82C55ARH Datasheet HTML 5Page - Intersil Corporation HS-82C55ARH Datasheet HTML 6Page - Intersil Corporation HS-82C55ARH Datasheet HTML 7Page - Intersil Corporation HS-82C55ARH Datasheet HTML 8Page - Intersil Corporation HS-82C55ARH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Burn-In Circuits
PROGRAMMABLE PERIPHERAL INTERFACE
STATIC CONFIGURATION
NOTES:
1. VDD = 6.0V
±0.5%
2. IDD <500
µA
3. TA Min = 125
oC
PROGRAMMABLE PERIPHERAL INTERFACE
DYNAMIC CONFIGURATION
NOTES:
4. VDD = 6.0V
±5% for Burn-In
5. VDD = 5.0V
±5% for Life Test
6. All resistors are 10k
Ω±5%
7. -0.3V
≤ VIL ≤ 0.8V
8. VDD - 1.0V
≤ VIH ≤ VDD
9. IDD < 5mA
10. F0 = 10kHz, 50% Duty cycle
11. F1 = F0/2; F2 = F1/2; F3 = F2/2; F4 = F3/2 . . . F7 = F6/2
12. TA Min = 125
oC
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
VDD
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
F0
F4
F6
F5
F7
F3
VDD
F0
F2
F1
F5
F0
F0
F4
HS-82C55ARH


Similar Part No. - HS-82C55ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH Datasheet
165Kb / 23P
   Radiation Hardened CMOS Programmable Peripheral Interface
More results

Similar Description - HS-82C55ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH Datasheet
165Kb / 23P
   Radiation Hardened CMOS Programmable Peripheral Interface
logo
Dynex Semiconductor
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
   Radiation Hard Programmable Peripheral Interface
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com