Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7673CBAZA Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7673CBAZA
Description  Automatic Battery Back-Up Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7673CBAZA Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7673CBAZA Datasheet HTML 1Page - Intersil Corporation ICL7673CBAZA Datasheet HTML 2Page - Intersil Corporation ICL7673CBAZA Datasheet HTML 3Page - Intersil Corporation ICL7673CBAZA Datasheet HTML 4Page - Intersil Corporation ICL7673CBAZA Datasheet HTML 5Page - Intersil Corporation ICL7673CBAZA Datasheet HTML 6Page - Intersil Corporation ICL7673CBAZA Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FN3183.4
July 22, 2005
Detailed Description
As shown in the Functional Diagram, the ICL7673 includes a
comparator which senses the input voltages VP and VS. The
output of the comparator drives the first inverter and the
open-drain N-Channel transistor PBAR. The first inverter
drives a large P-Channel switch, P1, a second inverter, and
another open-drain N-Channel transistor, SBAR. The second
inverter drives another large P-Channel switch P2. The
ICL7673, connected to a main and a backup power supply,
will connect the supply of greater potential to its output. The
circuit provides break-before-make switch action as it
switches from main to backup power in the event of a main
power supply failure. For proper operation, inputs VP and VS
must not be allowed to float, and, the difference in the two
supplies must be greater than 50mV. The leakage current
through the reverse biased parasitic diode of switch P2 is
very low.
Output Voltage
The output operating voltage range is 2.5V to 15V. The
insertion loss between either input and the output is a
function of load current, input voltage, and temperature. This
is due to the P-Channels being operated in their triode
region, and, the ON-resistance of the switches is a function
of output voltage VO. The ON-resistance of the P-Channels
have positive temperature coefficients, and therefore as
temperature increases the insertion loss also increases. At
low load currents the output voltage is nearly equal to the
greater of the two inputs. The maximum voltage drop across
switch P1 or P2 is 0.5V, since above this voltage the body-
drain parasitic diode will become forward biased. Complete
switching of the inputs and open-drain outputs typically
occurs in 50
µs.
Input Voltage
The input operating voltage range for VP or VS is 2.5V to
15V. The input supply voltage (VP or VS) slew rate should be
limited to 2V per microsecond to avoid potential harm to the
circuit. In line-operated systems, the rate-of-rise (or fall) of
the supply is a function of power supply design. For battery
applications it may be necessary to use a capacitor between
the input and ground pins to limit the rate-of-rise of the
supply voltage. A low-impedance capacitor such as a
0.047
µF disc ceramic can be used to reduce the rate-of-rise.
Status Indicator Outputs
The N-Channel open drain output transistors can be used to
indicate which supply is connected, or can be used to drive
external PNP transistors to increase the power switching
capability of the circuit. When using external PNP power
transistors, the output current is limited by the beta and
thermal characteristics of the power transistors. The
application section details the use of external PNP
transistors.
Applications
A typical discrete battery backup circuit is illustrated in Figure
6. This approach requires several components, substantial
printed circuit board space, and high labor cost. It also
consumes a fairly high quiescent current. The ICL7673
battery backup circuit, illustrated in Figure 7, will often replace
such discrete designs and offer much better performance,
higher reliability, and lower system manufacturing cost. A
trickle charge system could be implemented with an additional
resistor and diode as shown in Figure 8. A complete low
power AC to regulated DC system can be implemented using
the ICL7673 and ICL7663S micropower voltage regulator as
shown in Figure 9.
INPUT VP (V)
02
4
5
6
8
10
12
1mA
100mA
10nA
1nA
1000pA
10pA
1pA
ILOAD = 10mA
VS = 0V
85°C
25°C
FIGURE 5. IS LEAKAGE CURRENT VP TO VS AS A
FUNCTION OF INPUT VOLTAGE
+5V
PRIMARY
DC POWER
GND
NiCAD
BATTERY
STACK
VO
+5V OR
+3V
STATUS
INDICATOR
FIGURE 6. DISCRETE BATTERY BACKUP CIRCUIT
ICL7673


Similar Part No. - ICL7673CBAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673CBAZA INTERSIL-ICL7673CBAZA Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
logo
Renesas Technology Corp
ICL7673CBAZA RENESAS-ICL7673CBAZA Datasheet
394Kb / 8P
   Automatic Battery Back-Up Switch
logo
Intersil Corporation
ICL7673CBAZA-T INTERSIL-ICL7673CBAZA-T Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
logo
Renesas Technology Corp
ICL7673CBAZA-T RENESAS-ICL7673CBAZA-T Datasheet
394Kb / 8P
   Automatic Battery Back-Up Switch
More results

Similar Description - ICL7673CBAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673CPA INTERSIL-ICL7673CPA Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
logo
Renesas Technology Corp
ICL7673 RENESAS-ICL7673 Datasheet
394Kb / 8P
   Automatic Battery Back-Up Switch
logo
Intersil Corporation
ICL7673 INTERSIL-ICL7673 Datasheet
144Kb / 7P
   Automatic Battery Back-Up Switch
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
   Battery Back-up Circuit
logo
Technology Dynamics Inc...
TD-WM-BBU-12-33 TECHNOLOGY-TD-WM-BBU-12-33 Datasheet
254Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TECHNOLOGY-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-RK-BBU-12-34 TECHNOLOGY-TCP-RK-BBU-12-34 Datasheet
243Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-33 TAB-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
Technology Dynamics Inc...
TCP-BX-BBU-12-33 TECHNOLOGY-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com