Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50016 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HSP50016
Description  Digital Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50016 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HSP50016 Datasheet HTML 6Page - Intersil Corporation HSP50016 Datasheet HTML 7Page - Intersil Corporation HSP50016 Datasheet HTML 8Page - Intersil Corporation HSP50016 Datasheet HTML 9Page - Intersil Corporation HSP50016 Datasheet HTML 10Page - Intersil Corporation HSP50016 Datasheet HTML 11Page - Intersil Corporation HSP50016 Datasheet HTML 12Page - Intersil Corporation HSP50016 Datasheet HTML 13Page - Intersil Corporation HSP50016 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
3-10
The coefficients of the filter are quantized to 22 bits to
preserve greater than 106dB of stopband attenuation. The
sum of products of each filter output calculation is a 38-bit
number with 37 fractional bits.
When a quadrature output is selected, the outputs of the
FIR filters are decimated by a factor of four. When real
output is selected, only the I output is active. The output is
decimated by two in this case. When Filter Only Mode is
selected, only the I filter path is active and its output is
decimated by four.
The composite filter bandwidths are a function of the HDF
decimation rate and the FIR Filter shape. The double sided
bandwidths are specified by Equations 10 and 11.
where FS = CLK; R = HDF Decimation Factor.
The single sided bandwidths are specified in Equations 12
and 13.
where FS = CLK; R = HDF Decimation Factor.
NOTE: The output data rate of the FIR is the HDF output
rate divided by either 2 or 4, depending on mode. Recall
the HDF output rate is CLK/R. (See Table 1.)
Output Formatter
The circuit has two serial data outputs, I and Q. The timing
of the output bits is referenced to IQCLK and IQSTB. There
are several modes of operation for the data and control line
interface, all of which were designed to be compatible with
common microprocessors. These interface modes are
selected by loading the appropriate control words (see
Tables 3 through 10, with Table 9 containing most interface
parameters).
Quadrature data output can occur in one of two ways:
simultaneously or sequentially. The simultaneous method
clocks out the I and Q data on their respective serial output
pins. The I followed by Q method clocks I and Q out
sequentially on the I output pin: the entire I word is serially
clocked out first, then the entire Q word. In real data Output
Mode, the Formatter converts the quadrature data to real
and clocks it out serially on the I output pin. In all modes, the
I and Q outputs return to the zero state after the last bit is
transmitted.
When the “I followed by Q” signal (CW6, bit 35) is low,
I data will appear on the I output and Q data will appear on
the Q output.
When the “I followed by Q” signal (CW6, bit 35) is asserted,
the Q output is inactive and I data, followed by Q data
appear on the I output. When in this state, and both the “Test
Enable” signal (CW1, Bit 3), and “Q Strobe on Rollover”
signal (CW7, Bit 10) signal are asserted, the Phase
FIGURE 9. FIR COMPENSATION FOR HDF ROLL OFF (FOR R = 16)
0.5
-0.5
FREQUENCY (Hz)
fS
16R
3fS
64R
fS
32R
fS
64R
0.4
0.3
0.2
0.1
0
COMPOSITE
HDF/FIR
FIR
HDF
-0.1
-0.2
-0.3
-0.4
3dB BW
DS
0.1375F
S R
=
(EQ. 10)
16 < R < 16384
102dB BW
DS
0.2002F
S R
=
(EQ. 11)
16 < R < 16384
3dB BW
SS
0.06875F
S R
=
(EQ. 12)
102dB BW
SS
0.100097F
S R
=
(EQ. 13)
TABLE 1. FIR OUTPUT RATE AND DECIMATION
OUTPUT MODE
FIR OUTPUT RATE
FIR DECIMATION
Real
CLK/2R
2
Complex
CLK/4R
4
Filter Only
CLK/4R
4
R - HDF Decimation Factor
HSP50016


Similar Part No. - HSP50016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
   Digital Down Converter
HSP50016 INTERSIL-HSP50016 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
logo
Intersil Corporation
HSP50016-EV INTERSIL-HSP50016-EV Datasheet
324Kb / 18P
   DDC Evaluation Platform
HSP50016GC-52 INTERSIL-HSP50016GC-52 Datasheet
209Kb / 31P
   Digital Down Converter
More results

Similar Description - HSP50016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
   Digital Down Converter
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
Sanyo Semicon Device
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
   For Digital CATV Down Converter IC
logo
Sony Corporation
CXA3556N SONY-CXA3556N Datasheet
142Kb / 13P
   IF Down Converter for Digital Broadcast
logo
Analog Devices
AD6636 AD-AD6636 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
M/A-COM Technology Solu...
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
   Down Converter
MADC-011010 MA-COM-MADC-011010 Datasheet
1Mb / 18P
   Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com