Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X20VZPCG Datasheet(PDF) 4 Page - Winbond

Part # W25X20VZPCG
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X20VZPCG Datasheet(HTML) 4 Page - Winbond

  W25X20VZPCG Datasheet HTML 1Page - Winbond W25X20VZPCG Datasheet HTML 2Page - Winbond W25X20VZPCG Datasheet HTML 3Page - Winbond W25X20VZPCG Datasheet HTML 4Page - Winbond W25X20VZPCG Datasheet HTML 5Page - Winbond W25X20VZPCG Datasheet HTML 6Page - Winbond W25X20VZPCG Datasheet HTML 7Page - Winbond W25X20VZPCG Datasheet HTML 8Page - Winbond W25X20VZPCG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
W25X10, W25X20, W25X40, W25X80
- 4 -
1. GENERAL DESCRIPTION
The W25X10 (1M-bit), W25X20 (2M-bit), W25X40 (4M-bit) and W25X80 (8M-bit) Serial Flash
memories provide a storage solution for systems with limited space, pins and power. The 25X series
offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code
download applications as well as storing voice, text and data. The devices operate on a single 2.7V to
3.6V power supply with current consumption as low as 5mA active and 1µA for power-down. All
devices are offered in space-saving packages.
The W25X10/20/40/80 array is organized into 512/1024/2048/4096 programmable pages of 256-bytes
each. Up to 256 bytes can be programmed at a time using the Page Program instruction. Pages can
be erased in groups of 16 (sector erase), groups of 256 (block erase) or the entire chip (chip erase).
The W25X10/20/40/80 has 32/64/128/256 erasable sectors and 2/4/8/16 erasable blocks respectively.
The small 4KB sectors allow for greater flexibility in applications that require data and parameter
storage. (See figure 2.)
The W25X10/20/40/80 supports the standard Serial Peripheral Interface (SPI), and a high
performance dual output SPI using four pins: Serial Clock, Chip Select, Serial Data I/O and Serial
Data Out. SPI clock frequencies of up to 75MHz are supported allowing equivalent clock rates of
150MHz when using the Fast Read Dual Output instruction. These transfer rates are comparable to
those of 8 and 16-bit Parallel Flash memories.
A Hold pin, Write Protect pin and programmable write protect, with top or bottom array control
features, provide further control flexibility. Additionally, the device supports JEDEC standard
manufacturer and device identification.
2. FEATURES
• Family of Serial Flash Memories
– W25X10: 1M-bit / 128K-byte (131,072)
– W25X20: 2M-bit / 256K-byte (262,144)
– W25X40: 4M-bit / 512K-byte (524,288)
– W25X80: 8M-bit / 1M-byte (1,048,576)
– 256-bytes per programmable page
– Uniform 4K-byte Sectors / 64K-byte Blocks
• SPI with Single or Dual Outputs
– Clock, Chip Select, Data I/O, Data Out
– Optional Hold function for SPI flexibility
• Data Transfer up to 150M-bits / second
– Clock operation to 75MHz
– Fast Read Dual Output instruction
– Auto-increment Read capability
• Flexible Architecture with 4KB sectors
– Sector Erase (4K-bytes)
– Block Erase (64K-byte)
– Page program up to 256 bytes <2ms
– Up to 100,000 erase/write cycles
– 20-year retention
• Low Power Consumption, Wide
Temperature Range
– Single 2.7 to 3.6V supply
– 5mA active current, 1µA Power-down (typ)
– -40° to +85°C operating range
• Software and Hardware Write Protection
– Write-Protect all or portion of memory
– Enable/Disable protection with /WP pin
– Top or bottom array protection
• Space Efficient Packaging
– 8-pin SOIC 150-mil (W25X10/20/40)
– 8-pin SOIC 208-mil (W25X40/80)
– 8-pin PDIP 300-mil (W25X10/20/40/80)
– 8-pin WSON 6x5-mm (W25X10/20/40/80)


Similar Part No. - W25X20VZPCG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X20VZPCG WINBOND-W25X20VZPCG Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results

Similar Description - W25X20VZPCG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10L WINBOND-W25X10L Datasheet
1Mb / 46P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
   1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com