Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X40VSSCZ Datasheet(PDF) 6 Page - Winbond

Part # W25X40VSSCZ
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X40VSSCZ Datasheet(HTML) 6 Page - Winbond

Back Button W25X40VSSCZ Datasheet HTML 2Page - Winbond W25X40VSSCZ Datasheet HTML 3Page - Winbond W25X40VSSCZ Datasheet HTML 4Page - Winbond W25X40VSSCZ Datasheet HTML 5Page - Winbond W25X40VSSCZ Datasheet HTML 6Page - Winbond W25X40VSSCZ Datasheet HTML 7Page - Winbond W25X40VSSCZ Datasheet HTML 8Page - Winbond W25X40VSSCZ Datasheet HTML 9Page - Winbond W25X40VSSCZ Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
W25X10, W25X20, W25X40, W25X80
- 6 -
6.
PIN CONFIGURATION WSON 6X5-MM
Figure 1d。W25X10, W25X20, W25X40 and W25X80 Pin Assignments, 8-pin WSON (Package Code ZP)
7.
PIN DESCRIPTION
SOIC 150-mil, SOIC 208-mil, PDIP 300-mil, and WSON 6x5-mm
PAD NO.
PAD NAME
I/O
FUNCTION
1
/CS
I
Chip Select Input
2
DO
O
Data Output
3
/WP
I
Write Protect Input
4
GND
Ground
5
DIO
I/O
Data Input / Output
6
CLK
I
Serial Clock Input
7
/HOLD
I
Hold Input
8
VCC
Power Supply


Similar Part No. - W25X40VSSCZ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X40VSSCZ WINBOND-W25X40VSSCZ Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results

Similar Description - W25X40VSSCZ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10L WINBOND-W25X10L Datasheet
1Mb / 46P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
   1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com