Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMZ10A1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # KMZ10A1
Description  Magnetic field sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ10A1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button KMZ10A1 Datasheet HTML 3Page - NXP Semiconductors KMZ10A1 Datasheet HTML 4Page - NXP Semiconductors KMZ10A1 Datasheet HTML 5Page - NXP Semiconductors KMZ10A1 Datasheet HTML 6Page - NXP Semiconductors KMZ10A1 Datasheet HTML 7Page - NXP Semiconductors KMZ10A1 Datasheet HTML 8Page - NXP Semiconductors KMZ10A1 Datasheet HTML 9Page - NXP Semiconductors KMZ10A1 Datasheet HTML 10Page - NXP Semiconductors KMZ10A1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1998 Apr 06
7
Philips Semiconductors
Product specification
Magnetic field sensor
KMZ10A1
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT195
97-06-02
D
L1
L
123
4
e1
e
bp
E
0
1
4 mm
scale
Plastic single-ended flat package; 4 in-line leads
SOT195
UNIT
bp
b1
e1
mm
0.48
0.40
1.8
1.6
0.7
0.5
0.45
0.39
5.2
5.0
1.25
e
3.75
Q
DIMENSIONS (mm are the original dimensions)
AD
4.8
4.4
0.8
0.7
E
14.5
12.7
L
c
2
L1
(1)
max.
chip
A
Q
b1
c
Notes
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.


Similar Part No. - KMZ10A1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ10A PHILIPS-KMZ10A Datasheet
69Kb / 8P
   Magnetic field sensor
1998 Mar 24
More results

Similar Description - KMZ10A1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
MC60-12GM50-1N PF-MC60-12GM50-1N Datasheet
208Kb / 2P
   Magnetic field sensor
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
   Magnetic field sensor
40FY36-33 PF-40FY36-33 Datasheet
119Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com