Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAT70A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SMAT70A
Description  400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAT70A Datasheet(HTML) 1 Page - Diodes Incorporated

  SMAT70A_1 Datasheet HTML 1Page - Diodes Incorporated SMAT70A_1 Datasheet HTML 2Page - Diodes Incorporated SMAT70A_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30213 Rev. 7 - 2
1 of 3
SMAT70A/SMBT70A
www.diodes.com
ã Diodes Incorporated
SMAT70A/SMBT70A
400W, 600W SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSOR
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
SMAT70A
SMBT70A
Unit
Peak Pulse Power Dissipation
(Non repetitive current pulse derated above TA =25
°C)
PPK
400
600
W
Peak Forward Surge Current, 8.3ms Single Half Sine
Wave Superimposed on Rated Load (JEDEC Method)
(Note 2)
IFSM
40
100
A
Instantaneous Forward Voltage @ IPP = 35A
(Note 2)
VF
3.5
V
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Features
·
Case: SMA/SMB
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
·
Polarity Indicator: Cathode Band
·
Marking: Date Code (See Page 3) and Marking Code (See
Page 1)
·
Ordering Information: See Page 3
·
Weight: SMA 0.064 grams
SMB 0.093 grams
·
400, 600W Peak Pulse Power Dissipation
·
70V Standoff Voltage
·
100V Maximum Clamping Voltage -
A requirement of many -48V Backplane Telecom
Applications
·
Glass Passivated Die Construction
·
Fast Response Time: Typically less than 1 ps
·
Lead Free Finish/RoHS Complaint (Note 4)
Mechanical Data
A
B
C
D
G
H
E
J
Part Number
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT
(Note 3)
Test
Current
Max.
Reverse
Leakage @
VRWM
Max.
Clamping
Voltage @
Ipp
Max. Peak
Pulse
Current
Ipp
Typical
Junction
Capacitance
(Note 3)
Typical
Voltage
Temp.
Variation
of VBR
Marking
Code
VRWM (V)
Min
(V)
Max
(V)
IT (mA)
IR (
mA)
VC (V)
(A)
(pF)
mV/
°C
SMAT70A
70
77.8
89.5
1.0
5.0
100
3.5
140
80
KEX
SMBT70A
70
77.8
89.5
1.0
5.0
100
5.3
290
80
NPX
Notes:
1. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum.
2. VBR measured with IT current pulse = 300
ms.
3. f = 1MHz, VR = 0VDC.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
Package
SMAT70A
SMBT70A
SMA
SMB
Dim
Min
Max
Min
Max
A
2.29
2.92
3.30
3.94
B
4.00
4.60
4.06
4.57
C
1.27
1.63
1.96
2.21
D
0.15
0.31
0.15
0.31
E
4.80
5.59
5.00
5.59
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.01
2.62
2.00
2.62
SMA, SMB
@TA = 25°C unless otherwise specified
Electrical Characteristics


Similar Part No. - SMAT70A_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAT70A-13 DIODES-SMAT70A-13 Datasheet
79Kb / 3P
   400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. D-2
SMAT70A-13-F DIODES-SMAT70A-13-F Datasheet
123Kb / 4P
   400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 10 - 2 July 2009
More results

Similar Description - SMAT70A_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAT70A DIODES-SMAT70A_09 Datasheet
123Kb / 4P
   400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 10 - 2 July 2009
SMAT70A DIODES-SMAT70A Datasheet
79Kb / 3P
   400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. D-2
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com