Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP1300SB Datasheet(PDF) 2 Page - Protek Devices

Part # PP1300SB
Description  THYRISTOR SURGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PP1300SB Datasheet(HTML) 2 Page - Protek Devices

  PP1300SB Datasheet HTML 1Page - Protek Devices PP1300SB Datasheet HTML 2Page - Protek Devices PP1300SB Datasheet HTML 3Page - Protek Devices PP1300SB Datasheet HTML 4Page - Protek Devices PP1300SB Datasheet HTML 5Page - Protek Devices PP1300SB Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PP0640SA
thru
PP3500SC
2
05081.R10 2/07
www.protekdevices.com
DEVICE CHARACTERISTICS
Junction Temperature
SYMBOL
VALUE
-55 to 150
°C
°C
-40 to 150
UNITS
T
A
T
STG
PARAMETER
Storage Temperature
Surge Current - 50/60 Hz
ITSM
60
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Thermal Resistance (Junction) - SA & SB Series
R
QJC
28
°C/Watt
Thermal Resistance (Junction) - SC Series
R
QJC
26
°C/Watt
Thermal Resistance (Ambient) - SA & SB Series
R
QJA
90
°C/Watt
Thermal Resistance (Ambient) - SC Series
R
QJA
85
°C/Watt
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
Note 1: Capacitance imbalance between positive and negative polarities is typically < 15pF.
PART
NUMBER
REPETITIVE
PEAK
OFF-STATE
VOLTAGE
V
DRM
VOLTS
SWITCHING
VOLTAGE
@100V/µs
V
S
VOLTS
PP0640SA
PP0720SA
PP0800SA
PP1100SA
PP1300SA
PP1500SA
PP1800SA
PP2300SA
PP2600SA
PP3100SA
PP3500SA
PP0300SB
PP0640SB
PP0720SB
PP0800SB
PP1100SB
PP1300SB
PP1500SB
PP1800SB
PP2300SB
PP2600SB
PP3100SB
PP3500SB
PP0640SC
PP0720SC
PP0800SC
PP1100SC
PP1300SC
PP1500SC
PP1800SC
PP2300SC
PP2600SC
PP3100SC
PP3500SC
60
60
60
60
40
40
40
30
30
30
30
110
60
60
60
60
40
40
40
30
30
30
30
120
120
120
120
80
80
80
60
60
60
60
DEVICE
MARKING
CODE
MINIMUM
HOLDING
CURRENT
(See Fig. 7)
di/dt = 1A/ms
I
H
mA
SWITCHING
CURRENT
I
S
mA
MAXIMUM
OFF-STATE
CURRENT
(See Fig. 4)
@V
DRM
I
DRM
µA
MAXIMUM
ON-STATE
VOLTAGE
(See Fig. 5)
@I
T
V
T
VOLTS
ON-STATE
CURRENT
I
T
AMPS
TYPICAL
CAPACITANCE
(See Note 1)
@2V, 1 MHz
C
pF
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
150
150
150
150
150
150
150
150
150
150
150
50
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
77
88
98
130
160
180
220
260
300
350
400
40
77
88
98
130
160
180
220
260
300
350
400
77
88
98
130
160
180
220
260
300
350
400
58
65
75
90
120
140
160
190
220
275
300
25
58
65
75
90
120
140
160
190
220
275
300
58
65
75
90
120
140
160
190
220
275
300
GC
GD
GE
GF
GG
GH
GI
GJ
GK
GL
GM
GN
GP
GQ
GR
GS
GT
GU
GV
GW
GX
GY
GZ
HC
HD
HE
HF
HG
HH
HI
HJ
HK
HL
HM


Similar Part No. - PP1300SB

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP1300SB PROTEC-PP1300SB Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP1300SB PROTEC-PP1300SB Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP1300SB PROTEC-PP1300SB Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
More results

Similar Description - PP1300SB

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
List of Unclassifed Man...
PP1101SB ETC1-PP1101SB Datasheet
353Kb / 4P
   UNIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2302 LEIDITECH-SE2302 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
P4000SC SUNMATE-P4000SC Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com