Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B340LB-13-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B340LB-13-F
Description  3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B340LB-13-F Datasheet(HTML) 2 Page - Diodes Incorporated

  B340LB-13-F Datasheet HTML 1Page - Diodes Incorporated B340LB-13-F Datasheet HTML 2Page - Diodes Incorporated B340LB-13-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30240 Rev. 6 - 2
2 of 3
B340LA/B
www.diodes.com
0.1
1.0
10
100
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
T = 25ºC
A
T = 125ºC
A
T = 100ºC
A
0
20
40
60
80
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
Single Half-Sine-Wave
T = 100°C
T
0
0.5
1.0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE (
°C)
T
Fig. 1 Forward Current Derating Curve
1.5
2.0
2.5
3.0
10
100
1000
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance
T = 25°C
j
f = 1 MHz
10
0
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 5 Typical Reverse Characteristics
T = 125ºC
A
T = 100ºC
A
T = 25ºC
A
100
10
1.0
0.1
0.01
1000


Similar Part No. - B340LB-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340LB-13-F DIODES-B340LB-13-F Datasheet
98Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
B340LB-13-F DIODES-B340LB-13-F Datasheet
98Kb / 4P
   Very Low Forward Voltage Drop
B340LB-13-F DIODES-B340LB-13-F Datasheet
98Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B340LB-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
SB330L DIODES-SB330L Datasheet
54Kb / 2P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30219 Rev. C-2
B340LA DIODES-B340LA_10 Datasheet
98Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
B340LAB DIODES-B340LAB_15 Datasheet
98Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SL32-AL PACELEADER-SL32-AL Datasheet
594Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER
logo
Sanyo Semicon Device
SBS813 SANYO-SBS813 Datasheet
40Kb / 3P
   Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
   Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
logo
Won-Top Electronics
SL32 WTE-SL32 Datasheet
40Kb / 3P
   3.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SR330L ZSELEC-SR330L Datasheet
125Kb / 2P
   3.0A LOW VF SCHOTTKY BARRIER DIODE
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com