Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP0800SA-T Datasheet(PDF) 3 Page - Protek Devices

Part # PP0800SA-T
Description  THYRISTOR SURGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PP0800SA-T Datasheet(HTML) 3 Page - Protek Devices

  PP0800SA-T Datasheet HTML 1Page - Protek Devices PP0800SA-T Datasheet HTML 2Page - Protek Devices PP0800SA-T Datasheet HTML 3Page - Protek Devices PP0800SA-T Datasheet HTML 4Page - Protek Devices PP0800SA-T Datasheet HTML 5Page - Protek Devices PP0800SA-T Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
05081.R10 2/07
www.protekdevices.com
PP0640SA
thru
PP3500SC
GRAPHS
FIGURE 2
V-I CHARACTERISTIC CURVE
I
PP
I
TSM
I
S
I
H
I
DRM
V
S
V
T
V
DRM
I
T
0
1
2
3
t - Time - µs
0
50
100
TEST
WAVEFORM
PARAMETERS
t
f = 10µs
t
d = 1,000µs
t
f
Peak Value I
PP
e-t
FIGURE 1
PULSE WAVE FORM
t
d = t
I
PP/2
FIGURE 3
ON-STATE CURRENT VS SURGE CURRENT DURATION
Surge Current Duration - Full Cycles
Supply Frequency - 60 Hz Sinusoidal
1
10
100
1,000
1
10
100
PPxxxxSA
PPxxxxSC
PPxxxxSB


Similar Part No. - PP0800SA-T

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0800SA PROTEC-PP0800SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0800SA PROTEC-PP0800SA Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0800SA PROTEC-PP0800SA Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
More results

Similar Description - PP0800SA-T

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
List of Unclassifed Man...
PP1101SB ETC1-PP1101SB Datasheet
353Kb / 4P
   UNIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2302 LEIDITECH-SE2302 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
P4000SC SUNMATE-P4000SC Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com