Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP0800SC-LF-T Datasheet(PDF) 5 Page - Protek Devices

Part # PP0800SC-LF-T
Description  THYRISTOR SURGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PP0800SC-LF-T Datasheet(HTML) 5 Page - Protek Devices

  PP0800SC-LF-T Datasheet HTML 1Page - Protek Devices PP0800SC-LF-T Datasheet HTML 2Page - Protek Devices PP0800SC-LF-T Datasheet HTML 3Page - Protek Devices PP0800SC-LF-T Datasheet HTML 4Page - Protek Devices PP0800SC-LF-T Datasheet HTML 5Page - Protek Devices PP0800SC-LF-T Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
05081.R10 2/07
www.protekdevices.com
PP0640SA
thru
PP3500SC
APPLICATION NOTE
FIGURE 1: UL 1459 & FCC Part 68 - Metallic Protection
The TSS (Thyristor Surge Suppressor) device is located across the
tip-to-ring after a limiting resistor and fuse combination. R
TIP and
R
RING resistors are optional depending upon the TSS device selec-
tion. Without the resistors, the PP3100SB/SC is recommended.
However, with a resistance value of 7.5 Ohms for tip and ring, the
PP3100SA is recommended. Digital signals may use a lower TSS
device depending upon the total tip to ring voltage range. Selection
of the TSS device, either PPxxxxSA or SB/SC is based upon the
value of the tip and ring resistors. For the National Electric Code
(NEC) article 800, it is recommended that at least one fuse be used
in the tip or ring line for metallic surges. Fuses may be replaced with
a suitable Positive Temperature Coefficient (PTC) automatic
resettable current limiting device.
FIGURE 2 - UL 1459 & FCC Part 68 - Longitudinal Protection
There are two TSS devices, one located from tip-to-ground and one
ring-to-ground. For standard analog signals, the PP3100SA is
recommended with a typical resistor value for tip and ring of 15
Ohms. The PP3100SB/SC is recommended for resistor values of 7.5
Ohms each. The National Electric Code (NEC) article 800 requires
two fuse elements when connecting to ground. Fuses or a suitable
Positive Temperature Coefficient (PTC) automatic resettable current
limiting device may be used. The purpose of this circuit is to limit AC
power current from getting on the ground line causing any safety
hazard.
FIGURE 3 - UL 1459 & FCC Part 68 - Metallic & Longitudinal
Protection
Three equal TSS devices are used in this application for metallic (tip-
to-ring) and longitudinal (tip-to-ground and ring-to-ground) protec-
tion. For analog signals, the PP3100SB/SC is recommended. With a
resistance value of 15 Ohms for the tip and ring resistors, the
PP3100SA may be used. The National Electric Code (NEC) article
800 requires two fuse elements when connecting to ground. Fuses
or a suitable Positive Temperature Coefficient (PTC) automatic
resettable current limiting device may be used. This circuit is
recommended for protection against the Bellcore requirement: First
Level Lightning Surge Tests (Telecommunications Port), document #
GR-1089-CORE.
Fuse
TIP
R
Tip
RING
To
Protected
Equipment
R
Ring
FIGURE 1 - Metallic Protection
Tip
R
To
Protected
Equipment
Ring
R
TIP
RING
FIGURE 2 - Longitudinal Protection
Tip
R
To
Protected
Equipment
Ring
R
TIP
RING
FIGURE 3 - Metallic & Longitudinal Protection


Similar Part No. - PP0800SC-LF-T

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0800SC PROTEC-PP0800SC Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0800SC PROTEC-PP0800SC Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0800SC PROTEC-PP0800SC Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
More results

Similar Description - PP0800SC-LF-T

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
List of Unclassifed Man...
PP1101SB ETC1-PP1101SB Datasheet
353Kb / 4P
   UNIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2302 LEIDITECH-SE2302 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
P4000SC SUNMATE-P4000SC Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com