Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM40E20LS-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDM40E20LS-7
Description  DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM40E20LS-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  SDM40E20LS-7 Datasheet HTML 1Page - Diodes Incorporated SDM40E20LS-7 Datasheet HTML 2Page - Diodes Incorporated SDM40E20LS-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30298 Rev. 8 - 2
2 of 3
SDM40E20L/S/C
www.diodes.com
0
0.10
0.20
0
50
100
150
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve, Per Element
T
°
0.30
0.40
25
75
125
0.1
1
10
0.01
0.001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, Per Element
F
T = 100ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
T = 125ºC
A
T = -65ºC
A
0.001
0.1
0.01
100
1000
10,000
0
V , REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics, Per Element
R
10
20
10
1
T = -65ºC
A
T = 25ºC
A
T = 75ºC
A
T = 100ºC
A
T = 125ºC
A
T = 0ºC
A
0
60
40
20
0
10
15
5
20
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typ. Total Capacitance vs Reverse Voltage, Per Element
80
100
120
140
f = 1.0MHz


Similar Part No. - SDM40E20LS-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM40E20LS-7 DIODES-SDM40E20LS-7 Datasheet
61Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30298 Rev. 2 - 2
SDM40E20LS-7-F DIODES-SDM40E20LS-7-F Datasheet
123Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 June 2008
SDM40E20LS-7-F DIODES-SDM40E20LS-7-F Datasheet
123Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
June 2008
More results

Similar Description - SDM40E20LS-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40V DIODES-BAS40V_08 Datasheet
122Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAS40V DIODES-BAS40V_15 Datasheet
259Kb / 5P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
SDM20E40C DIODES-SDM20E40C_1 Datasheet
76Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. 6 - 2
BAT54DW DIODES-BAT54DW_1 Datasheet
364Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
SDM20N40A DIODES-SDM20N40A_15 Datasheet
80Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
SDM20E40C DIODES-SDM20E40C Datasheet
56Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. B-2
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
BAS40V DIODES-BAS40V Datasheet
245Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 2 - 2
SDM40E20L DIODES-SDM40E20L_08 Datasheet
123Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 June 2008
BAT54DW DIODES-BAT54DW_08 Datasheet
122Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 11 - 2
SDM20E40C DIODES-SDM20E40C_15 Datasheet
91Kb / 4P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com