Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTLP817DW Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74GTLP817DW
Description  GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP817DW Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74GTLP817DW Datasheet HTML 2Page - Texas Instruments SN74GTLP817DW Datasheet HTML 3Page - Texas Instruments SN74GTLP817DW Datasheet HTML 4Page - Texas Instruments SN74GTLP817DW Datasheet HTML 5Page - Texas Instruments SN74GTLP817DW Datasheet HTML 6Page - Texas Instruments SN74GTLP817DW Datasheet HTML 7Page - Texas Instruments SN74GTLP817DW Datasheet HTML 8Page - Texas Instruments SN74GTLP817DW Datasheet HTML 9Page - Texas Instruments SN74GTLP817DW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
Electrical Characteristics
Hot-Insertion Specifications for A Port
Hot-Insertion Specifications for B Port
SN74GTLP817
GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
SCES285E – OCTOBER 1999 – REVISED APRIL 2005
over recommended operating free-air temperature range for GTLP (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
VCC = 3.15 V,
II = –18 mA
–1.2
V
VCC = 3.15 V to 3.45 V,
IOH = –100 µA
VCC – 0.2
IOH = –100 µA
VCC – 0.2
VOH
AO port
V
VCC = 3.15 V
IOH = –6 mA
2.4
IOH = –12 mA
2.2
VCC = 3.15 V to 3.45 V,
IOL = 100 µA
0.2
IOL = 100 µA
0.2
AO port
VCC = 3.15 V
IOL = 6 mA
0.4
VOL
IOL = 12 mA
0.5
V
IOL = 100 µA
0.2
BO port
VCC = 3.15 V
IOL = 40 mA
0.5
IOL = 50 mA
0.55
II
BI, AI, OE, ERC
VCC = 3.45 V,
VI = 0 or 5.5 V
±5
µA
AO port
VO = VCC
10
IOZH
VCC = 3.45 V
µA
BO port
VO = 1.5 V
5
AO port
VO = GND
–10
IOZL
VCC = 3.45 V
µA
BO port
VO = 5.5 V
–5
Outputs high
10
VCC = 3.45 V, IO = 0,
ICC
AO or BO port
VI (AI or control input) = VCC or GND,
Outputs low
10
mA
VI (BI input) = VTT or GND
Outputs disabled
10
VCC = 3.45 V, One A-port or control input at VCC – 0.6 V,
∆I
CC
(2)
AI, OE
1
mA
Other A-port or control inputs at VCC or GND
AI, OE, ERC
VI = VCC or 0
4
4.4
Ci
pF
BI
VI = VTT or 0
3.5
3.9
AO port
VO = VCC or 0
4
4.5
Co
pF
BO port
VO = VTT or 0
5
5.4
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is the increase in supply current for each input that is at the specified LVTTL voltage level, rather than VCC or GND.
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ioff
VCC = 0,
VI or VO = 0 to 5.5 V
10
µA
IOZPU
VCC = 0 to 1.5 V,
VO = 0.5 V to 3 V,
OE = 0
±30
µA
IOZPD
VCC = 1.5 V to 0,
VO = 0.5 V to 3 V,
OE = 0
±30
µA
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ioff
VCC = 0,
VI or VO = 0 to 1.5 V
10
µA
IOZPU
VCC = 0 to 1.5 V,
VO = 0.5 V to 1.5 V,
OE = 0
±30
µA
IOZPD
VCC = 1.5 V to 0,
VO = 0.5 V to 1.5 V,
OE = 0
±30
µA
6


Similar Part No. - SN74GTLP817DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
More results

Similar Description - SN74GTLP817DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
logo
Fairchild Semiconductor
GTLP6C817 FAIRCHILD-GTLP6C817 Datasheet
50Kb / 7P
   Low Drive GTLP-to-LVTTL 1:6 Clock Driver
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
   Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
   Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
83905 IDT-83905 Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com