Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR12-LF-T13 Datasheet(PDF) 4 Page - Protek Devices

Part # SR12-LF-T13
Description  STEERING DIODE/ TVS ARRAY COMBO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SR12-LF-T13 Datasheet(HTML) 4 Page - Protek Devices

  SR12-LF-T13 Datasheet HTML 1Page - Protek Devices SR12-LF-T13 Datasheet HTML 2Page - Protek Devices SR12-LF-T13 Datasheet HTML 3Page - Protek Devices SR12-LF-T13 Datasheet HTML 4Page - Protek Devices SR12-LF-T13 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SR12
4
05255.R0 9/06
www.protekdevices.com
APPLICATION NOTE
The SR12 is a low capacitance, unidirectional TVS array that is designed to protect I/O or high speed data lines from the damaging effects of ESD or
EFT. This product series has a surge capability of 500 Watts P
PP per line for an 8/20µs waveform and offers ESD protection > 25kV.
COMMON-MODE CONFIGURATION (Figure 1)
Ideal for use in USB applications, two SR12 devices provides up to two(2) lines of protection(per device) in a common-mode configuration as
depicted in Figure 1.
Circuit connectivity is as follows:
Pins 2 and 3 are connected to the datalines.
Pin 1 is connected to ground.
Pin 4 is connected to the databus.
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following
guidelines are recommended:
The protection device should be placed near the
input terminals or connectors, the device will
divert the transient current immediately before it
can be coupled into the nearby traces.
The path length between the TVS device and
the protected line should be minimized.
All conductive loops including power and
ground loops should be minimized.
The transient current return path to ground
should be kept as short as possible to reduce
parasitic inductance.
Ground planes should be used whenever
possible. For multilayer PCBs, use ground vias.
Figure 1. Typical Common-Mode USB Protection
1
2
3
4
1
3
4
2
VBus
VBus
VBus
VBus
D+
D-
D+
D-
USB
PORT
USB
PORT


Similar Part No. - SR12-LF-T13

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR12 MOSPEC-SR12 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Semtech Corporation
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
logo
Protek Devices
SR12 PROTEC-SR12 Datasheet
648Kb / 8P
   500 WATT low capacitance steering diode/TVS array
logo
Yea Shin Technology Co....
SR12 YEASHIN-SR12 Datasheet
475Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chip Integration Techno...
SR12 CITC-SR12 Datasheet
150Kb / 3P
   1A Leaded Type Schottky Barrier Rectifiers
More results

Similar Description - SR12-LF-T13

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6_12 Datasheet
336Kb / 4P
   Steering Diode/TVS Array Combo
logo
Protek Devices
PLR0508 PROTEC-PLR0508 Datasheet
157Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
PUSB3B PROTEC-PUSB3B Datasheet
72Kb / 4P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Leshan Radio Company
LGRV05-4LT1G LRC-LGRV05-4LT1G Datasheet
922Kb / 6P
   STEERING DIODE/TVS ARRAY COMBO
logo
Protek Devices
PLR0502 PROTEC-PLR0502 Datasheet
72Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_12 Datasheet
322Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_09 Datasheet
270Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-4 BOURNS-CDNBS08-SRDA3.3-4_12 Datasheet
320Kb / 4P
   Steering Diode/TVS Array Combo
logo
List of Unclassifed Man...
PUSB6B ETC-PUSB6B Datasheet
97Kb / 4P
   STEERING DIODE / TVS ARRAY COMBO
logo
Protek Devices
SR28 PROTEC-SR28 Datasheet
95Kb / 3P
   STEERING DIODE / TVS ARRAY COMBO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com