Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6A9320BI-6M Datasheet(PDF) 7 Page - Etron Technology, Inc.

Part # EM6A9320BI-6M
Description  4M x 32 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6A9320BI-6M Datasheet(HTML) 7 Page - Etron Technology, Inc.

Back Button EM6A9320BI-6M Datasheet HTML 3Page - Etron Technology, Inc. EM6A9320BI-6M Datasheet HTML 4Page - Etron Technology, Inc. EM6A9320BI-6M Datasheet HTML 5Page - Etron Technology, Inc. EM6A9320BI-6M Datasheet HTML 6Page - Etron Technology, Inc. EM6A9320BI-6M Datasheet HTML 7Page - Etron Technology, Inc. EM6A9320BI-6M Datasheet HTML 8Page - Etron Technology, Inc. EM6A9320BI-6M Datasheet HTML 9Page - Etron Technology, Inc. EM6A9320BI-6M Datasheet HTML 10Page - Etron Technology, Inc. EM6A9320BI-6M Datasheet HTML 11Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
EtronTech
4Mx32 DDR SDRAM
EM6A9320BI
7
Rev 0.9C
May 2006
Mode Register Set (MRS)
The mode register is divided into various fields depending on functionality.
Burst Length Field (A2, A1, A0)
This field specifies the data length of column access and selects the Burst Length.
Addressing Mode Select Field (A3)
The Addressing Mode can be Interleave Mode or Sequential Mode. Both Sequential Mode and
Interleave Mode support burst length of 2, 4 and 8. Full page burst length is only for Sequential mode.
CAS# Latency Field (A6, A5, A4)
This field specifies the number of clock cycles from the assertion of the Read command to the first
read data. The minimum whole value of CAS# Latency depends on the frequency of CK. The
minimum whole value satisfying the following formula must be programmed into this field.
tCAC(min)
≦ CAS# Latency X tCK
Test Mode field :A7; DLL Reset Mode field : A8
These two bits must be programmed to "00" in normal operation.
( BA0, BA1)
Mode Resistor Bitmap
BA1
BA0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
Mode RFU must be set to “0” DLL
(1)
TM
CAS Latency
BT
Burst Lenght
BA0
Register Mode
A8
A7
Mode
A3
Type
0
MRS
0
0
Normal
0
Sequential
1
EMRS
1
0
Reset DLL
1
Interleave
0
1
Test Mode
A6
A5
A4
CAS Latency
A2
A1
A0
Burst Length
0
1
0
2 clocks
0
0
1
2
0
1
1
3 clocks
0
1
0
4
1
0
0
4 clocks
0
1
1
8
1
0
1
Reserved
1
1
1
Full Page (Sequential)
1
1
0
2.5 clocks
All other Reserved
All other Reserved
Burst Definition, Addressing Sequence of Sequential and Interleave Mode
Start Address
Burst Length
A2
A1
A0
Sequential
Interleave
X
X
0
0, 1
0, 1
2
X
X
1
1, 0
1, 0
X
0
0
0, 1, 2, 3
0, 1, 2, 3
X
0
1
1, 2, 3, 0
1, 0, 3, 2
X
1
0
2, 3, 0, 1
2, 3, 0, 1
4
X
1
1
3, 0, 1, 2
3, 2, 1, 0
0
0
0
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
0
0
1
1, 2, 3, 4, 5, 6, 7, 0
1, 0, 3, 2, 5, 4, 7, 6
0
1
0
2, 3, 4, 5, 6, 7, 0, 1
2, 3, 0, 1, 6, 7, 4, 5
0
1
1
3, 4, 5, 6, 7, 0, 1, 2
3, 2, 1, 0, 7, 6, 5, 4
1
0
0
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
1
0
1
5, 6, 7, 0, 1, 2, 3, 4
5, 4, 7, 6, 1, 0, 3, 2
1
1
0
6, 7, 0, 1, 2, 3, 4, 5
6, 7, 4, 5, 2, 3, 0, 1
8
1
1
1
7, 0, 1, 2, 3, 4, 5, 6
7, 6, 5, 4, 3, 2, 1, 0
Note :
1. DLL must be resetted whenever changing the operation frequency.


Similar Part No. - EM6A9320BI-6M

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320BI-2.8 ETRON-EM6A9320BI-2.8 Datasheet
363Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320BI-28 ETRON-EM6A9320BI-28 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
EM6A9320BI-3.0 ETRON-EM6A9320BI-3.0 Datasheet
363Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320BI-3.3 ETRON-EM6A9320BI-3.3 Datasheet
363Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320BI-3.5 ETRON-EM6A9320BI-3.5 Datasheet
363Kb / 17P
   4M x 32 DDR SDRAM
More results

Similar Description - EM6A9320BI-6M

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320 ETRON-EM6A9320_06 Datasheet
363Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320 ETRON-EM6A9320 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
logo
Elpida Memory
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
logo
White Electronic Design...
WED9LAPC2B16P8BC WEDC-WED9LAPC2B16P8BC Datasheet
693Kb / 21P
   4M x 32 SDRAM / 2M x 8 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com