Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6AA320-XXMS Datasheet(PDF) 9 Page - Etron Technology, Inc.

Part # EM6AA320-XXMS
Description  8M x 32 DDR SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6AA320-XXMS Datasheet(HTML) 9 Page - Etron Technology, Inc.

Back Button EM6AA320-XXMS Datasheet HTML 5Page - Etron Technology, Inc. EM6AA320-XXMS Datasheet HTML 6Page - Etron Technology, Inc. EM6AA320-XXMS Datasheet HTML 7Page - Etron Technology, Inc. EM6AA320-XXMS Datasheet HTML 8Page - Etron Technology, Inc. EM6AA320-XXMS Datasheet HTML 9Page - Etron Technology, Inc. EM6AA320-XXMS Datasheet HTML 10Page - Etron Technology, Inc. EM6AA320-XXMS Datasheet HTML 11Page - Etron Technology, Inc. EM6AA320-XXMS Datasheet HTML 12Page - Etron Technology, Inc. EM6AA320-XXMS Datasheet HTML 13Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
EtronTech
8Mx32 DDR SDRAM
EM6AA320-XXMS
9
Rev 0.7
May. 2006
D.C. Characteristics
(VDD =2.5
± 5%, TA = 0~70 °C)
3.3
3.6
4
5
6
Parameter & Test Condition
Symbol
Max
Unit
OPERATING CURRENT : One bank; Active-Precharge;
tRC=tRC(min); tCK=tCK(min); DQ,DM and DQS inputs
changing once per clock cycle; Address and control
inputs changing once every two clock cycles.
IDD0
500 460 350 310 280
mA
OPERATING CURRENT : One bank; Active-Read-
Precharge; BL=4; CL=4; tRCDRD=4*tCK; tRC=tRC(min);
tCK=tCK(min); lout=0mA; Address and control inputs
changing once per clock cycle
IDD1
600 540 480 440 400
mA
PRECHARGE POWER-DOWN STANDBY CURRENT:
All banks idle; power-down mode; tCK=tCK(min);
CKE=LOW
IDD2P
120 120 100
80
80
mA
IDLE STANDLY CURRENT : CKE = HIGH;
CS#=HIGH(DESELECT); All banks idle; tCK=tCK(min);
Address and control inputs changing once per clock
cycle; VIN=VREF for DQ, DQS and DM
IDD2N
210 200 175 170 170
mA
ACTIVE POWER-DOWN STANDBY CURRENT : one
bank active; power-down mode; CKE=LOW;
tCK=tCK(min)
IDD3P
120 120 100
80
80
mA
ACTIVE STANDBY CURRENT :
CS#=HIGH;CKE=HIGH; one bank active ;
tRC=tRC(max);tCK=tCK(min);Address and control inputs
changing once per clock cycle; DQ,DQS,and DM inputs
changing twice per clock cycle
IDD3N
300 280 260 240 240
mA
OPERATING CURRENT BURST READ : BL=2; READS;
Continuous burst; one bank active; Address and control
inputs changing once per clock cycle; tCK=tCK(min);
lout=0mA;50% of data changing on every transfer
IDD4R
640 610 580 550 520
mA
OPERATING CURRENT BURST Write : BL=2;
WRITES; Continuous Burst ;one bank active; address
and control inputs changing once per clock cycle;
tCK=tCK(min); DQ,DQS,and DM changing twice per clock
cycle; 50% of data changing on every transfer
IDD4W 550 525 500 480 460
mA
AUTO REFRESH CURRENT : tRC=tRFC(min);
tCK=tCK(min)
IDD5
750 720 650 610 580
mA
SELF REFRESH CURRENT: Sell Refresh Mode ;
CKE<=0.2V;tCK=tCK(min)
IDD6
8
8
5
5
5
mA
BURST OPERATING CURRENT 4 bank operation:
Four bank interleaving READs; BL=4;with Auto
Precharge; tRC=tRC(min); tCK=tCK(min); Address and
control inputschang only during Active, READ , or WRITE
command
IDD7
1100 1050 1000 950 900
mA
Note:
1. Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent
damage of the device.
2. All voltages are referenced to VSS.
3. These parameters depend on the cycle rate and these values are measured by the cycle rate
under the minimum value of tCK and tRC. Input signals are changed one time during tCK.
4. Power-up sequence is described in previous page.


Similar Part No. - EM6AA320-XXMS

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6AA320 ETRON-EM6AA320 Datasheet
366Kb / 17P
   8M x 32 DDR SDRAM
EM6AA320BI-3.3S ETRON-EM6AA320BI-3.3S Datasheet
366Kb / 17P
   8M x 32 DDR SDRAM
EM6AA320BI-3.6S ETRON-EM6AA320BI-3.6S Datasheet
366Kb / 17P
   8M x 32 DDR SDRAM
EM6AA320BI-4S ETRON-EM6AA320BI-4S Datasheet
366Kb / 17P
   8M x 32 DDR SDRAM
EM6AA320BI-5S ETRON-EM6AA320BI-5S Datasheet
366Kb / 17P
   8M x 32 DDR SDRAM
More results

Similar Description - EM6AA320-XXMS

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6AA320 ETRON-EM6AA320 Datasheet
366Kb / 17P
   8M x 32 DDR SDRAM
logo
Emerging Memory & Logic...
EMD56324P EMLSI-EMD56324P Datasheet
770Kb / 45P
   256M: 8M x 32 Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM6A9320BI ETRON-EM6A9320BI Datasheet
353Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320 ETRON-EM6A9320_06 Datasheet
363Kb / 17P
   4M x 32 DDR SDRAM
logo
Integrated Silicon Solu...
IS43LR16320C ISSI-IS43LR16320C Datasheet
1Mb / 45P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
logo
Emerging Memory & Logic...
EMD28164PA EMLSI-EMD28164PA Datasheet
767Kb / 45P
   128M: 8M x 16 Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
logo
Integrated Silicon Solu...
IS43LR32320B ISSI-IS43LR32320B Datasheet
2Mb / 47P
   8M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR16320B ISSI-IS43LR16320B Datasheet
2Mb / 42P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM6A9320 ETRON-EM6A9320 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com