Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F200BT-90DP1 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29F200BT-90DP1
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200BT-90DP1 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29F200BT-90DP1 Datasheet HTML 3Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 4Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 5Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 6Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 7Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 8Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 9Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 10Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 11Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6
Am29F200B Known Good Die
SU PPL EMEN T
PACKAGING INFORMATION
Surftape Packaging
Gel-Pak and Waffle Pack Packaging
Direction of Feed
Orientation relative to
leading edge of tape
and reel
AMD logo location
Orientation relative to
top left corner of
Gel-Pak
and Waffle Pack
cavity plate
AMD logo location


Similar Part No. - AM29F200BT-90DP1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F200BT-90 AMD-AM29F200BT-90 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200BT-90EC AMD-AM29F200BT-90EC Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200BT-90ED AMD-AM29F200BT-90ED Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200BT-90EE AMD-AM29F200BT-90EE Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200BT-90EF AMD-AM29F200BT-90EF Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - AM29F200BT-90DP1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F200A-1 AMD-AM29F200A-1 Datasheet
118Kb / 8P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
AM29F100-1 AMD-AM29F100-1 Datasheet
57Kb / 8P
   1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F400B-1 AMD-AM29F400B-1 Datasheet
139Kb / 9P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F400B AMD-AM29F400B_03 Datasheet
210Kb / 12P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 2
AM29F010-1 AMD-AM29F010-1 Datasheet
56Kb / 8P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29F010B AMD-AM29F010B Datasheet
332Kb / 14P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29LV200B AMD-AM29LV200B_03 Datasheet
295Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com