Electronic Components Datasheet Search |
|
AM29F040B-70EI Datasheet(PDF) 8 Page - Advanced Micro Devices |
|
AM29F040B-70EI Datasheet(HTML) 8 Page - Advanced Micro Devices |
8 / 36 page 6 Am29F040B 21445E5 November 1, 2006 D A TA SH EE T ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29F040B -55 E C TEMPERATURE RANGE C = Commercial (0 °C to +70°C) I = Industrial (–40 °C to +85°C) E = Extended (–55 °C to +125°C) D = Commercial (0 °C to +70°C) for Pb-free Package F = Industrial (-40 °C to +85°C) for Pb-free Package K = Extended (-55 °C to +125°C) for Pb-free Package PACKAGE TYPE P = 32-Pin Plastic DIP (PD 032) J = 32-Pin Rectangular Plastic Leaded Chip Carrier (PL 032) E = 32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032) SPEED OPTION See Product Selector Guide and Valid Combinations DEVICE NUMBER/DESCRIPTION Am29F040B 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Sector Erase Flash Memory 5.0 V Read, Program, and Erase Valid Combinations VCC Voltage AM29F040B-55 JC, JI, JE, JD, JF, JK EC, ED, EI, EE, EF, EK 5.0 V ± 5% AM29F040B-70 5.0 V ± 10% AM29F040B-90 PC, PI, PE, PD, PF, PK, JC, JI, JE, JD, JF, JK EC, EI, EE, ED, EF, EK AM29F040B-120 |
Similar Part No. - AM29F040B-70EI |
|
Similar Description - AM29F040B-70EI |